Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD640G83UI Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # PD640G83UI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD640G83UI Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button PD640G83UI Datasheet HTML 11Page - Advanced Micro Devices PD640G83UI Datasheet HTML 12Page - Advanced Micro Devices PD640G83UI Datasheet HTML 13Page - Advanced Micro Devices PD640G83UI Datasheet HTML 14Page - Advanced Micro Devices PD640G83UI Datasheet HTML 15Page - Advanced Micro Devices PD640G83UI Datasheet HTML 16Page - Advanced Micro Devices PD640G83UI Datasheet HTML 17Page - Advanced Micro Devices PD640G83UI Datasheet HTML 18Page - Advanced Micro Devices PD640G83UI Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
December 13, 2005
Am29PDL640G
13
D A TA SH EE T
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
IO ± 0.3 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
IO ± 0.3 V, the device will be in the standby mode, but
the standby current will be greater. The device re-
quires standard access time (t
CE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
I
CC3 in the DC Characteristics table represents the
CMOS standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC +
30 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dress access timings provide new data when ad-
dresses are changed. While in sleep mode, output
data is latched and always available to the system.
Note that during automatic sleep mode, OE# must be
at V
IH before the device reduces current to the stated
sleep mode specification. I
CC5 in the DC Characteris-
tics table represents the automatic sleep mode current
specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the RE-
SET# pin is driven low for at least a period of t
RP, the
device immediately ter minates any operation in
progress, tristates all output pins, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. The operation that was in-
terrupted should be reinitiated once the device is
ready to accept another command sequence, to en-
sure data integrity.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current will
be greater.
The RESET# pin may be tied to the system reset cir-
cuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firm-
ware from the Flash memory.
If RESET# is asserted during a program or erase op-
eration, the RY/BY# pin remains a “0” (busy) until the
internal reset operation is complete, which requires a
time of t
READY (during Embedded Algorithms). The sys-
tem can thus monitor RY/BY# to determine whether
the reset operation is complete. If RESET# is asserted
when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed
within a time of t
READY (not during Embedded Algo-
rithms). The system can read data t
RH after the RE-
SET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins (except for RY/BY#) are
placed in the high impedance state.
Table 4.
Am29PDL640G Sector Architecture
Bank
Sector
Sector
Address
A21–A12
Sector
Size
(Kwords)
Address Range
SA0
0000000000
4
00000h–00FFFh
SA1
0000000001
4
01000h–01FFFh
SA2
0000000010
4
02000h–02FFFh
SA3
0000000011
4
03000h–03FFFh
SA4
0000000100
4
04000h–04FFFh
SA5
0000000101
4
05000h–05FFFh
SA6
0000000110
4
06000h–06FFFh
SA7
0000000111
4
07000h–07FFFh
SA8
0000001xxx
32
08000h–0FFFFh
SA9
0000010xxx
32
10000h–17FFFh
SA10
0000011xxx
32
18000h–1FFFFh
SA11
0000100xxx
32
20000h–27FFFh
SA12
0000101xxx
32
28000h–2FFFFh
SA13
0000110xxx
32
30000h–37FFFh
SA14
0000111xxx
32
38000h–3FFFFh
SA15
0001000xxx
32
40000h–47FFFh
SA16
0001001xxx
32
48000h–4FFFFh
SA17
0001010xxx
32
50000h–57FFFh
SA18
0001011xxx
32
58000h–5FFFFh
SA19
0001100xxx
32
60000h–67FFFh
SA20
0001101xxx
32
68000h–6FFFFh
SA21
0001101xxx
32
70000h–77FFFh
SA22
0001111xxx
32
78000h–7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com