Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112BIDRLR
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112BIDRLR Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP112BIDRLR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics
Electrical characteristics of devices at TA = +25℃ and V+ = 1.4 V to 3.6 V (unless otherwise noted).
PARAMETER
TEST CONDITONS
MIN
TYP
MAX
UNIT
Operating Temperature Range
-40
125
°C
Extended mode
-55
150
°C
Accuracy (Temperature Error)
+25°C,V+ = 3.3V
±0.1
±0.5
°C
0°C to +65°C, V+ = 3.3V
±0.25
±0.5
°C
-40°C to +125°C
±0.5
±1
°C
DC Power Supply Sensitivity
-40°C to +125°C
0.0625
±0.25
°C/V
Resolution
0.0625
°C
12
bits
Conversion Time
26
35
ms
Conversion Modes
CR1 = 0, CR0 = 0
0.25
conv/s
CR1 = 0, CR0 = 1
1
CR1 = 1, CR0 = 0 (default)
4
CR1 = 1, CR0 = 1
8
Timeout Time
30
40
ms
Communication Frequency
Fast mode
0.001
0.4
MHz
High-speed mode
0.001
2.75
Power Supply Voltage
1.4
3.3
5.5
V
Average Quiescent Current, IQ
Serial bus inactive, CR1=1,CR0=0 (default)
7
10
μA
Serial bus active, SCL frequency=400 kHz
15
Serial bus active, SCL frequency=2.75 MHz
85
Shutdown Current, ISD
Serial bus inactive
0.5
1
μA
Serial bus active, SCL frequency=400 kHz
10
Serial bus active, SCL frequency=2.75 MHz
80
www.umw-ic.com
4
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com