Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112BIDRLR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112BIDRLR
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112BIDRLR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP112BIDRLR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112BIDRLR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UMW
R
TMP112B
Diode
Temp.
Sensor
Control
Logic
ΔΣ
A/D
Converter
Serial
Interface
OSC
Config.
& Temp.
Register
Temperature
1
SCL
GND
ALERT
2
3
SDA
V+
ADD0
6
5
4
Features
• Temperature range: -55°C ~ +150°C
• Temperature accuracy: ±0.5°C (-40°C ~ +125°C)
• Supply voltage range: 1.4V ~ 5.5V
• Low quiescent current:
Normal operation: ≤10
μA (4Hz)
Shutdown mode: ≤1
μA
• Resolution: 12bits, 0.0625°C
• Digital output: SMBusTM and I2C interface
compatibility
Applications
• Portable and battery-powered applications
• Power-supply temperature monitoring
• Computer peripheral thermal protection
• Notebook computers
• Battery management
• Office machines
• Thermostat controls
• Electromechanical device temperatures
• General temperature measurements:
– Industrial controls
– Test equipment
– Medical instrumentation
Description
www.umw-ic.com
1
友台半导体有限公司
TMP112B
The TMP112B is a digital temperature sensor with
high-accuracy, low-power, and NTC/PTC thermistor repla-
cements. It can be used for extended temperature measu-
rement in communication,
computer, consumer electro-
nics,environmental, industrial and instrumentation applica-
tions. The TMP112B provides ≤±0.5°C temperature accu-
racy with good temperature
linearity over the
normal
operating range of -40°C to +125°C.The TMP112B can pro-
vide extended temperature measurement mode, extending
the
temperature measurement range from -55°C to
+150°C.
The rated working voltage range of the TMP112B is
1.4V~5.5V, and the maximum
quiescent current in the
entire working rage is 10µA (temperature measurement
frequency 4Hz).The on-chip 12-bit ADC offers resolutions
down to 0.0625°C.
The TMP112B
adopts SOT563 is compatible with
SMBus and I2C interface, and allows up to four devices
on one bus. The device also features an SMBus alert func-
tion.


Similar Part No. - TMP112BIDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
1Mb / 47P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
1Mb / 41P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
JULY 2024
TMP112BIDRLR TI1-TMP112BIDRLR Datasheet
1Mb / 46P
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
REVISED JULY 2024
More results

Similar Description - TMP112BIDRLR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TMP112A UMW-TMP112A Datasheet
756Kb / 17P
Temperature range: -55°C ~ 150°C
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH20P TIMOTION-TDH20P Datasheet
414Kb / 3P
Operational temperature range 5°C~45°C
20220809-G
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com