Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP4 Datasheet(PDF) 1 Page - Vaisala

Part # HMP4
Description  HMP4 Relative Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP4 Datasheet(HTML) 1 Page - Vaisala

  HMP4 Datasheet HTML 1Page - Vaisala HMP4 Datasheet HTML 2Page - Vaisala HMP4 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP4 Relative Humidity and
Temperature Probe
For Pressurized and Vacuum Processes
Features
• RH accuracy up to 0.8 %RH
• Temperature accuracy up to 0.1 °C
(0.18 °F)
• Temperature measurement range
-70 ... +180 °C (-94 ... +356 °F)
• Operating pressure 0 ... 10 MPa
(0 ... 100 bar)
• Sensor purge provides superior
chemical resistance
• Modbus RTU over RS-485
• Plug & play compatible with
Indigo™ series of transmitters
• Traceable calibration certificate: 5
points for humidity, 1 point for
temperature
Vaisala HUMICAPâ Humidity and Temperature Probe HMP4 is designed for high-
pressure applications such as compressed air systems in maritime, breathing air, and
industrial applications, where measurement performance and chemical tolerance are
essential.
Proven Vaisala HUMICAPâ
Performance
Vaisala is the original innovator of the
thin-film capacitive humidity
measurement technology, which has now
become the industry standard in
humidity measurement.
HUMICAPâ technology results from
Vaisala's 40-year experience in industrial
humidity measurement, providing the
best stability, fast response time, and low
hysteresis in a wide range of
applications.
Chemical Purge Minimizes
Effects of Contaminants
In environments with high
concentrations of chemicals and cleaning
agents, the chemical purge option helps
to maintain measurement accuracy
between calibration intervals.
The chemical purge involves heating the
sensor to remove harmful chemicals. The
function can be initiated manually or
programmed to occur at set intervals.
Flexible Connectivity
The probe is plug and play compatible
with Vaisala Indigo™ series of
transmitters, or it can be used as a
standalone digital Modbus RTU
transmitter over RS-485 serial bus. For
easy-to-use access to field calibration,
device analytics, and configuration
functionality, the probe can be
connected to Vaisala Insight™ Software
(see www.vaisala.com/insight).
Vaisala Indigo™ Product Family
Indigo transmitters offer a variety of
connectivity options through analog
signals or digital outputs, configurable
relays, and wireless (WLAN)
configuration interface, providing a
suitable solution for all industrial
humidity measurements. The cable
length between the probe and
transmitter can be extended to up to 30
meters. For more information, see
www.vaisala.com/indigo.
Services You Can Count On
Each probe is manufactured and
individually calibrated in Vaisala's world-
class facility in Finland. The traceable
factory calibration certificate is included
also in electronic format in the probe.
The interchangeable probes minimize
the downtime associated with
maintenance. Validate and maintain the
accuracy by calibrating the instrument
on the field or use the easy and thorough
calibration service in Vaisala's service
facilities in Helsinki, Boston, Beijing and
Tokyo.


Similar Part No. - HMP4

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
HMP09H ASSMANN-HMP09H Datasheet
235Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
logo
Hynix Semiconductor
HMP112F7EFR8C-S5 HYNIX-HMP112F7EFR8C-S5 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-S6D3 HYNIX-HMP112F7EFR8C-S6D3 Datasheet
1Mb / 32P
240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HMP4

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
Temperature and Relative Humidity Module
logo
Vaisala
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com