Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMP4 Datasheet(PDF) 2 Page - Vaisala

Part # HMP4
Description  HMP4 Relative Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP4 Datasheet(HTML) 2 Page - Vaisala

  HMP4 Datasheet HTML 1Page - Vaisala HMP4 Datasheet HTML 2Page - Vaisala HMP4 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Measurement Performance
Relative Humidity
Sensor
HUMICAP R2 Composite
Measurement range
0 ... 100 %RH
Accuracy at +23 °C (+73.4 °F) 1)
±0.8 %RH (0 ... 90 %RH)
T63 response time
15 s
Temperature
Sensor
Pt100 RTD Class F0.1 IEC 60751
Measurement range
-70 ... +180 °C (-94 ... +356 °F)
Accuracy at +23 °C (+73.4 °F) 1)
±0.1 °C (±0.18 °F)
1)
Defined against calibration reference
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
3.5
4.0
90
...
100
%
RH
0 ... 90 %RH
HMP4 Humidity Measurement Accuracy as a Function of Temperature (Including
Non-Linearity and Repeatability)
0
0.1
0.2
0.3
0.4
Temperature [°C]
0.5
HMP4 Temperature Measurement Accuracy over Full Range (Including Non-
Linearity and Repeatability)
SI Traceable Calibration
Uncertainty of relative humidity
calibration (k = 2)
±0.5 %RH (0 ... 40 %RH)
±0.8 %RH (40 ... 95 %RH)
Uncertainty of temperature calibration
(k = 2)
±0.1 °C (±0.18 °F) at +23 °C (+73.4 °F)
Operating Environment
Operating temperature range for probe
body
-40 ... +80 °C (-40 ... +176 °F)
Operating temperature range for probe
head
-70 ... +180 °C (-94 ... +356 °F)
Operating environment
Suitable for outdoor use
IP rating
IP66
Electromagnetic compatibility
Complies with EMC standard
EN61326-1, Electrical equipment for
measurement, control and laboratory
use - EMC requirements - Industrial
environment
Operational pressure
< 100 bar
Inputs and Outputs
Operating voltage
15 ... 30 VDC
Current consumption
10 mA typical
500 mA max.
Digital output
RS-485, non-isolated
Default serial settings
19200 bps N 8 2
Protocols
Modbus RTU
Output Parameters
Relative humidity, temperature, dew point temperature, wet-bulb temperature,
absolute humidity, mixing ratio, water concentration, water mass fraction, water
vapor pressure, enthalpy
Mechanical Specifications
Probe fitting
M22x1.5 and NPT1/2” fittings included
Connector
M12/5
Weight
530 g (18.7 oz)
Materials
Probe
AISI316
Probe body
AISI316
Cable jacket
FEP
136 [5.35]
Probe cable
2000 [78.74]
M12/5
mm
[in]
Probe Body Dimensions
183 [7.20]
120 [4.72]
Fitting body
M22x1.5 or NPT1/2”
41 [1.61]
32 mm 27 mm
mm
[in]
HMP4 Probe Head Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com