Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000R Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # M49000000R
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000R Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button M49000000R Datasheet HTML 12Page - Advanced Micro Devices M49000000R Datasheet HTML 13Page - Advanced Micro Devices M49000000R Datasheet HTML 14Page - Advanced Micro Devices M49000000R Datasheet HTML 15Page - Advanced Micro Devices M49000000R Datasheet HTML 16Page - Advanced Micro Devices M49000000R Datasheet HTML 17Page - Advanced Micro Devices M49000000R Datasheet HTML 18Page - Advanced Micro Devices M49000000R Datasheet HTML 19Page - Advanced Micro Devices M49000000R Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
July 19, 2002
Am49DL32xBG
15
P R E L I M I NARY
Note: The address range is A20:A-1 in byte mode (BYTE#=V
IL) or A20:A0 in word mode (BYTE#=VIH). The bank address bits are A20–A18 for
Am29DL322GT, A20 and A19 for Am29DL323GT, and A20 for Am29DL324GT.
Table 5.
Top Boot SecSi
 Sector Addresses
SA48
110000xxx
64/32
300000h–30FFFFh
180000h–187FFFh
SA49
110001xxx
64/32
310000h–31FFFFh
188000h–18FFFFh
SA50
110010xxx
64/32
320000h–32FFFFh
190000h–197FFFh
SA51
110011xxx
64/32
330000h–33FFFFh
198000h–19FFFFh
SA52
110100xxx
64/32
340000h–34FFFFh
1A0000h–1A7FFFh
SA53
110101xxx
64/32
350000h–35FFFFh
1A8000h–1AFFFFh
SA54
110110xxx
64/32
360000h–36FFFFh
1B0000h–1B7FFFh
SA55
110111xxx
64/32
370000h–37FFFFh
1B8000h–1BFFFFh
SA56
111000xxx
64/32
380000h–38FFFFh
1C0000h–1C7FFFh
SA57
111001xxx
64/32
390000h–39FFFFh
1C8000h–1CFFFFh
SA58
111010xxx
64/32
3A0000h–3AFFFFh
1D0000h–1D7FFFh
SA59
111011xxx
64/32
3B0000h–3BFFFFh
1D8000h–1DFFFFh
SA60
111100xxx
64/32
3C0000h–3CFFFFh
1E0000h–1E7FFFh
SA61
111101xxx
64/32
3D0000h–3DFFFFh
1E8000h–1EFFFFh
SA62
111110xxx
64/32
3E0000h–3EFFFFh
1F0000h–1F7FFFh
SA63
111111000
8/4
3F0000h–3F1FFFh
1F8000h–1F8FFFh
SA64
111111001
8/4
3F2000h–3F3FFFh
1F9000h–1F9FFFh
SA65
111111010
8/4
3F4000h–3F5FFFh
1FA000h–1FAFFFh
SA66
111111011
8/4
3F6000h–3F7FFFh
1FB000h–1FBFFFh
SA67
111111100
8/4
3F8000h–3F9FFFh
1FC000h–1FCFFFh
SA68
111111101
8/4
3FA000h–3FBFFFh
1FD000h–1FDFFFh
SA69
111111110
8/4
3FC000h–3FDFFFh
1FE000h–1FEFFFh
SA70
111111111
8/4
3FE000h–3FFFFFh
1FF000h–1FFFFFh
Table 4.
Top Boot Sector Addresses (Continued)
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
Device
Sector Address
A20–A12
Sector Size
(Bytes/Words)
(x8)
Address Range
(x16)
Address Range
Am29DL322GT, Am29DL323GT,
Am29DL324GT
111111xxx
256/128
3FE000h–3FE0FFh
1F0000h–1FF07Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com