Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000R Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # M49000000R
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000R Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button M49000000R Datasheet HTML 56Page - Advanced Micro Devices M49000000R Datasheet HTML 57Page - Advanced Micro Devices M49000000R Datasheet HTML 58Page - Advanced Micro Devices M49000000R Datasheet HTML 59Page - Advanced Micro Devices M49000000R Datasheet HTML 60Page - Advanced Micro Devices M49000000R Datasheet HTML 61Page - Advanced Micro Devices M49000000R Datasheet HTML 62Page - Advanced Micro Devices M49000000R Datasheet HTML 63Page - Advanced Micro Devices M49000000R Datasheet HTML 64Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
60
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
pSRAM DATA RETENTION
Notes:
1. CE1#s
≥ V
CC – 0.2 V, CE2s ≥ VCC – 0.2 V (CE1#s controlled) or CE2s ≤ 0.2 V (CE2s controlled).
2. Typical values are not 100% tested.
pSRAM POWER ON AND DEEP POWER DOWN
Figure 33.
Deep Power-down Timing
Note: Data cannot be retained during deep power-down standby mode.
Figure 34.
Power-on Timing
Parameter
Symbol
Parameter Description
Test Setup
Min
Typ
Max
Unit
V
DR
V
CC for Data Retention
CS1#s
≥ V
CC – 0.2 V (Note 1)
2.7
3.3
V
I
DR
Data Retention Current
V
CC = 3.0 V, CE1#s ≥ VCC – 0.2 V
(Note 1)
1.0
(Note 2)
70
µA
t
CS
CE2 Setup Time
0
ns
t
CH
CE2 Hold Time
300
µs
t
DPD
CE2 Pulse Width
10
ms
t
CHC
CE2 Hold from CE#1
0
ns
t
CHP
CE2 Hold from Power On
30
µs
CE#1
CE#2
tDPD
tCH
tcs
CE#1
VDD
CE#2
tCHC
tCHP
tCH
VDD min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com