Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2841 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2841
Description  Dual 10-bit bus interface latch 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2841 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2841 Datasheet HTML 1Page - NXP Semiconductors MB2841 Datasheet HTML 2Page - NXP Semiconductors MB2841 Datasheet HTML 3Page - NXP Semiconductors MB2841 Datasheet HTML 4Page - NXP Semiconductors MB2841 Datasheet HTML 5Page - NXP Semiconductors MB2841 Datasheet HTML 6Page - NXP Semiconductors MB2841 Datasheet HTML 7Page - NXP Semiconductors MB2841 Datasheet HTML 8Page - NXP Semiconductors MB2841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2841
Dual 10-bit bus interface latch (3-State)
August 24, 1993
2
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
45, 44, 42, 41, 39, 38, 37, 36, 35, 34,
33, 32, 31, 29, 28, 27, 25, 24, 23, 22
1D0 – 1D9
2D0 – 2D9
Data inputs
48, 49, 50, 51, 1, 2, 3, 5, 6, 7, 8, 9,
10, 11, 12, 13, 15, 16, 18, 19
1Q0 – 1Q9
2Q0 – 2Q9
Data outputs
47, 20
1OE, 2OE
Output enable inputs (active-Low)
46, 21
1LE, 2LE
Latch enable inputs (active rising edge)
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
C1
C1
45
48
44
49
42
50
41
51
39
1
38
2
37
3
36
5
1D
46
EN
47
35
6
34
7
33
8
32
9
31
10
29
11
28
12
27
13
25
15
24
16
1D
21
EN
20
23
18
22
19
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
nOE
nLE
nDx
nQ0 – nQ9
L
L
H
H
L
H
L
H
Transparent
L
L
↓
↓
l
h
L
H
Latched
H
X
X
Z
High impedance
L
L
X
NC
Hold
H = High voltage level
h
= High voltage level one set-up time prior to the High-to-Low LE transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the High-to-Low LE transition
↓ = High-to-Low LE transition
NC= No change
X = Don’t care
Z = High impedance “off” state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com