Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2841 Datasheet (PDF) - NXP Semiconductors

MB2841 Datasheet PDF - NXP Semiconductors
Part # MB2841
Download  MB2841 Download
File Size   66.1 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit bus interface latch 3-State

MB2841 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2841 Datasheet PDF - NXP Semiconductors

Part # MB2841
Download  MB2841 Click to download

File Size   66.1 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit bus interface latch 3-State

MB2841 Datasheet (HTML) - NXP Semiconductors


MB2841 Product details

DESCRIPTION
The MB2841 Bus interface register is designed to provide extra data width for wider data/address paths of buses carrying parity.
The MB2841 consists of two sets of ten D-type latches with 3-State outputs. The flip-flops appear transparent to the data when Latch Enable (nLE) is High. This allows asynchronous operation, as the output transition follows the data in transition. On the nLE High-to-Low transition, the data that meets the setup and hold time is latched.
Data appears on the bus when the Output Enable (nOE) is Low. When nOE is High the output is in the High-impedance state.

FEATURES
• High speed parallel latches
• Live insertion/extraction permitted
• Extra data width for wide address/data
   paths or buses carrying parity
• Power-up 3-State
• Power-up reset
• Ideal where high speed, light loading, or
   increased fan-in are required with MOS microprocessors
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
   STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - MB2841

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB28 PANJIT-MB28 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB28 ZSELEC-MB28 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SL Power Electronics
MB28-1-A SLPOWER-MB28-1-A Datasheet
374Kb / 7P
DC Power Supplies
MB28-1-A SLPOWER-MB28-1-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Murata Manufacturing Co...
MB28101BAN MURATA-MB28101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MB2841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
18-bit bus-interface D-type latch 3-State
1998 Aug 04
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com