Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2101
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2101 Datasheet HTML 17Page - SMSC Corporation EMC2101 Datasheet HTML 18Page - SMSC Corporation EMC2101 Datasheet HTML 19Page - SMSC Corporation EMC2101 Datasheet HTML 20Page - SMSC Corporation EMC2101 Datasheet HTML 21Page - SMSC Corporation EMC2101 Datasheet HTML 22Page - SMSC Corporation EMC2101 Datasheet HTML 23Page - SMSC Corporation EMC2101 Datasheet HTML 24Page - SMSC Corporation EMC2101 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
21
Revision 2.53 (03-13-07)
DATASHEET
5.4.2
ALERT / TACH as an Interrupt
When the ALERT / TACH pin is used as an interrupt signal the pin is asserted whenever an out-of-
limit condition is detected. The ALERT / TACH pin will remain asserted until it is cleared even if the
error condition is removed.
5.4.3
Mask Bit
The MASK bit behaves differently depending on which mode the ALERT / TACH pin is configured to
operate in.
If the EMC2101 is configured with the ALERT / TACH pin operating in Interrupt Mode, the MASK bit
will be set in the following cases:
1. Automatically after the Status Register has been read if any bits in the Status Register have been
set (except BUSY and FAULT) (See Table 6.3).
2. Automatically when the EMC2101 responds to an Alert Response Address (ARA) command on an
SMBus and the ALERT / TACH pin is asserted. The ARA command does not clear the Status
Register. If the MASK bit is cleared prior to reading and clearing the Status Register, then the
ALERT / TACH pin will be asserted.
3. Directly via the SMBus.
In Interrupt Mode, the MASK bit will block the ALERT / TACH pin from being asserted in response to
an error condition.
If the EMC2101 is configured with the ALERT / TACH pin operating in Comparator Mode, the MASK
bit can only be set via the SMBus. In this mode, setting the MASK bit willl not affect the ALERT / TACH
pin.
In either mode, setting the individual channel mask bits will block the appropriate channel from
asserting the ALERT / TACH pin.
5.5
Temperature Monitors
In general, thermal diode temperature measurements are based on the change in forward bias voltage
of a diode when operated at two different currents. The change in forward bias voltage is proportional
to absolute temperature (T).
Where:
Eq: [1]
k = Boltzmann’s constant
T = Absolute Temperature in Kelvin
q = electron charge
η = Diode Ideality Factor
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
−
=
Δ
LOW
HIGH
LOW
BE
HIGH
BE
BE
I
I
q
kT
V
V
V
ln
_
_
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com