Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC2101
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC2101 Datasheet HTML 3Page - SMSC Corporation EMC2101 Datasheet HTML 4Page - SMSC Corporation EMC2101 Datasheet HTML 5Page - SMSC Corporation EMC2101 Datasheet HTML 6Page - SMSC Corporation EMC2101 Datasheet HTML 7Page - SMSC Corporation EMC2101 Datasheet HTML 8Page - SMSC Corporation EMC2101 Datasheet HTML 9Page - SMSC Corporation EMC2101 Datasheet HTML 10Page - SMSC Corporation EMC2101 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
7
Revision 2.53 (03-13-07)
DATASHEET
Chapter 1 Device Selection
The EMC2101 is available with the following options and configurations as shown in Table 1.1.
Table 1.1 Device Selection
PART NUMBER
FAN OPERATION
COMMUNICATIONS
PACKAGE
PRODUCT ID
EMC2101 - 1
PWM Drive, 0% drive
SMBus
8 pin SOIC and
8 pin MSOP
16h
EMC2101 - R
Selected via pull-up
Selected via pull-up
8 pin MSOP
28h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com