Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019I-HT Datasheet(PDF) 35 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 35 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 31Page - SMSC Corporation COM20019I-HT Datasheet HTML 32Page - SMSC Corporation COM20019I-HT Datasheet HTML 33Page - SMSC Corporation COM20019I-HT Datasheet HTML 34Page - SMSC Corporation COM20019I-HT Datasheet HTML 35Page - SMSC Corporation COM20019I-HT Datasheet HTML 36Page - SMSC Corporation COM20019I-HT Datasheet HTML 37Page - SMSC Corporation COM20019I-HT Datasheet HTML 38Page - SMSC Corporation COM20019I-HT Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 35
Rev. 03-07-06
DATASHEET
channeled to and from the microcontroller via the 8-bit data register. For example: a packet in the internal
RAM buffer is read by the microcontroller by writing the corresponding address into the Address Pointer
High and Low Registers (offsets 02H and 03H).
Note that the High Register should be written first,
followed by the Low Register, because writing to the Low Register loads the address. At this point the
device accesses that location and places the corresponding data into the data register.
The
microcontroller then reads the data register (offset 04H) to obtain the data at the specified location. If the
Auto Increment bit is set to logic "1", the device will automatically increment the address and place the
next byte of data into the data register, again to be read by the microcontroller. This process is continued
until the entire packet is read out of RAM. Refer to Figure 7 for an illustration of the Sequential Access
operation. When switching between reads and writes, the pointer must first be written with the starting
address.
At least one cycle time should separate the pointer being loaded and the first read (see timing
parameters).
6.3.2
Access Speed
The COM20019I is able to accommodate very fast access cycles to its registers and buffers. Arbitration to
the buffer does not slow down the cycle because the pointer based access method allows data to be
prefetched from memory and stored in a temporary register. Likewise, data to be written is stored in the
temporary register and then written to memory.
For systems which do not require quick access time, the arbitration clock may be slowed down by setting
bit 0 of the Setup1 Register equal to logic "1". Since the Slow Arbitration feature divides the input clock by
two, the duty cycle of the input clock may be relaxed.
6.4
SOFTWARE INTERFACE
The microcontroller interfaces to the COM20019I via software by accessing the various registers. These
actions are described in the Internal Registers section. The software flow for accessing the data buffer is
based on the Sequential Access scheme. The basic sequence is as follows:
Disable Interrupts
Write to Pointer Register High (specifying Auto-Increment mode)
Write to Pointer Register Low (this loads the address)
Enable Interrupts
Read or Write the Data Register (repeat as many times as necessary to empty or fill the buffer)
The pointer may now be read to determine how many transfers were completed.
The software flow for controlling the Configuration, Node ID, Tentative ID, and Next ID registers is
generally limited to the initialization sequence and the maintenance of the network map.
Additionally, it is necessary to understand the details of how the other Internal Registers are used in the
transmit and receive sequences and to know how the internal RAM buffer is properly set up.
The
sequence of events that tie these actions together is discussed as follows.
6.4.1
Selecting RAM Page Size
During normal operation, the 2K x 8 of RAM is divided into four pages of 512 bytes each. The page to be
used is specified in the "Enable Transmit (Receive) from (to) Page fnn" command, where "nn" specifies
page 0, 1, 2, or 3. This allows the user to have constant control over the allocation of RAM.
When the Offset bit "f" (bit 5 of the "Enable Transmit (Receive) from (to) Page fnn" command word) is set
to logic "1", an offset of 256 bytes is added to the page specified. For example: to transmit from the second
half of page 0, the command "Enable Transmit from Page fnn" (fnn=100 in this case) is issued by writing
0010 0011 to the Command Register. This allows a finer resolution of the buffer pages without affecting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com