Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019I-HT Datasheet(PDF) 65 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 65 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 57Page - SMSC Corporation COM20019I-HT Datasheet HTML 58Page - SMSC Corporation COM20019I-HT Datasheet HTML 59Page - SMSC Corporation COM20019I-HT Datasheet HTML 60Page - SMSC Corporation COM20019I-HT Datasheet HTML 61Page - SMSC Corporation COM20019I-HT Datasheet HTML 62Page - SMSC Corporation COM20019I-HT Datasheet HTML 63Page - SMSC Corporation COM20019I-HT Datasheet HTML 64Page - SMSC Corporation COM20019I-HT Datasheet HTML 65Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 65
Rev. 03-07-06
DATASHEET
Chapter 11 APPENDIX B:
ISA Bus
AEN
SA15-SA4
SD7-SD0
nIOR
nIOW
SA2-SA0
IRQm
nIOCS16
DRQn
nDACK
TC
nREFRESH
RESETDRV
12
12 bit
Comparators
LS688x2
nG
P
P=Q
Q
I/O Address Seeting (DIP Switches)
16 bit Bus
Transceivers
LS245
A
B
DIR
nG
3
D7-D0
nRD
nWR
A2-A0
nINTR
nRESET
nCS
8
3
Schmitt-Trigger Buffer
12
COM20019
8
A
Figure 11.1 - EXAMPLE OF INTERFACE CIRCUIT DIAGRAM TO ISA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com