Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2300 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2300 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2300 Datasheet HTML 17Page - SMSC Corporation EMC2300 Datasheet HTML 18Page - SMSC Corporation EMC2300 Datasheet HTML 19Page - SMSC Corporation EMC2300 Datasheet HTML 20Page - SMSC Corporation EMC2300 Datasheet HTML 21Page - SMSC Corporation EMC2300 Datasheet HTML 22Page - SMSC Corporation EMC2300 Datasheet HTML 23Page - SMSC Corporation EMC2300 Datasheet HTML 24Page - SMSC Corporation EMC2300 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
21
Revision 0.2 (06-14-06)
DATASHEET
Note: The default for the AVG[2:0] bits is ‘010’b.
To calculate conversion cycle timing for a given averaging mode:
Compute total number of temperature conversions (TEMP_CONV)
Compute total number of voltage conversions (VOLT_CONV)
Calculate Time to complete all conversions is:
Total Conversion Time = (TEMP_CONV)*96/(45kHz +/-10%)+ (VOLT_CONV)*68/(45kHz +/-10%)
Example: To calculate the nominal conversion time FOR AVG[2:0] = 001b.
Total Conversion Time = (TEMP_CONV)*96/(45kHz)+ (VOLT_CONV)*68/(45kHz)
Total Conversion Time = (16+16+1)*96/(45kHz)+ (2*1)*68/(45kHz)
Total Conversion Time = (33)*2.133ms+ (2)*1.511ms = ~73ms
Table 6.2 illustrates the min., nom., and max. conversion cycle timing for each of the four averaging
modes.
Note 6.1
The hardware monitor conversion clock is 45KHz
± 10%.
Note 6.2
Temperature conversions take 96 clocks, each (2.133ms nom.); Voltage conversions take
68 clocks, each (1.511ms nom).
Table 6.1 AVG[2:0] Bit Decoder
SFTR[7:5]
MEASUREMENTS PER READING
AVG2
AVG1
AVG0
REMOTE
DIODE 1
REMOTE
DIODE 2
INTERNAL
DIODE
ALL VOLTAGE READINGS
(VCCP, AND VCC)
000
128
128
8
8
0
0
1
16
16
1
1
0
1
X
161616
16
1
X
X
323232
32
Table 6.2 Conversion Cycle Timing
AVG[2:0]
TOTAL
TEMPERATURE
CONVERSIONS
TOTAL
VOLTAGE
CONVERSIONS
CONVERSION CYCLE TIME (MSEC)
MIN.
NOM.
MAX.
000
(2x128)+(1x8)=264
2x8=16
536
587
652
001
(2x16)+(1x1)=33
2x1=2
67
73
82
01X (default)
3x16=48
2x16=32
191
210
233
1XX
3x32=96
2x32=64
382
420
466



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com