Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2300 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC2300
Description  Fan Control Device with High Frequency PWM and Temperature Monitors
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2300 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC2300 Datasheet HTML 3Page - SMSC Corporation EMC2300 Datasheet HTML 4Page - SMSC Corporation EMC2300 Datasheet HTML 5Page - SMSC Corporation EMC2300 Datasheet HTML 6Page - SMSC Corporation EMC2300 Datasheet HTML 7Page - SMSC Corporation EMC2300 Datasheet HTML 8Page - SMSC Corporation EMC2300 Datasheet HTML 9Page - SMSC Corporation EMC2300 Datasheet HTML 10Page - SMSC Corporation EMC2300 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
Fan Control Device with High Frequency PWM and Temperature Monitors
Datasheet
SMSC EMC2300
7
Revision 0.2 (06-14-06)
DATASHEET
Table 8.44 Register 80h: Interrupt Enable 2 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Table 8.46 Register 81h: TACH_PWM Association Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 8.49 Register 82h: Interrupt Enable 3 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 8.51 Registers 85h-88h: A/D Converter LSbs Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 8.53 Registers 94h-96h: PWMx Option Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Table 9.1 Timing for PWM[1:3] Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Table 9.2 SMBus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Table A.1 Analog-to-Digital Voltage Conversions for Hardware Monitoring Block. . . . . . . . . . . . . . . . . . 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com