Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378296 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1378296
Description  D32H 2,2/ 2-FH-5,08-Y - PCB connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1378296 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1378296 Datasheet HTML 1Page - PHOENIX CONTACT 1378296 Datasheet HTML 2Page - PHOENIX CONTACT 1378296 Datasheet HTML 3Page - PHOENIX CONTACT 1378296 Datasheet HTML 4Page - PHOENIX CONTACT 1378296 Datasheet HTML 5Page - PHOENIX CONTACT 1378296 Datasheet HTML 6Page - PHOENIX CONTACT 1378296 Datasheet HTML 7Page - PHOENIX CONTACT 1378296 Datasheet HTML 8Page - PHOENIX CONTACT 1378296 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dimensional drawing
Pitch
5.08 mm
Width [w]
22.43 mm
Height [h]
9.35 mm
Length [l]
33.6 mm
Notes
Note on the contact
These connectors conform to DIN EN 61984, connectors without
switching capacity (COC). When used for their intended purpose,
they must not be plugged in or disconnected live or under load.
Mechanical tests
Tensile strength of crimp connections
Result
Test passed
Conductor cross section/conductor type/tractive force
setpoint/actual value
AWG 28 / flexible / > 11 N
Insertion and withdrawal forces
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
3 N
Withdraw strength per pos. approx.
3 N
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Polarization and coding
Specification
IEC 60512-13-5:2006-02
Result
Test passed
Visual inspection
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
Result
Test passed
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
D32H 2,2/ 2-FH-5,08-Y - PCB connector
1378296
https://www.phoenixcontact.com/us/products/1378296
Nov 28, 2023, 12:31 AM
Page 3 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com