Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378296 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1378296
Description  D32H 2,2/ 2-FH-5,08-Y - PCB connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1378296 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1378296 Datasheet HTML 1Page - PHOENIX CONTACT 1378296 Datasheet HTML 2Page - PHOENIX CONTACT 1378296 Datasheet HTML 3Page - PHOENIX CONTACT 1378296 Datasheet HTML 4Page - PHOENIX CONTACT 1378296 Datasheet HTML 5Page - PHOENIX CONTACT 1378296 Datasheet HTML 6Page - PHOENIX CONTACT 1378296 Datasheet HTML 7Page - PHOENIX CONTACT 1378296 Datasheet HTML 8Page - PHOENIX CONTACT 1378296 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Pin, number of rows: 1, number of positions: 2, product range: D32H 2,2/..-FH, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Engagement nose, type of packaging: packed in cardboard
Your advantages
Cost-effective connection of crimped conductors in large quantities
•
Small component size for applications where space is at a premium
•
Intuitive locking mechanism prevents accidental disconnection
•
Tools for automatic crimping available as an option
•
Commercial data
Item number
1378296
Packing unit
100 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Product key
AACCUA
GTIN
4063151745868
Weight per piece (including packing)
6.325 g
Weight per piece (excluding packing)
5.75 g
Country of origin
CN
D32H 2,2/ 2-FH-5,08-Y - PCB connector
1378296
https://www.phoenixcontact.com/us/products/1378296
Nov 28, 2023, 12:31 AM
Page 1 (11)


Similar Part No. - 1378296

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378290 PHOENIX-1378290 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-Y - PCB header
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1378292 PHOENIX-1378292 Datasheet
318Kb / 8P
D32H 2,2/ 6-V-5,08-Y - PCB header
1378293 PHOENIX-1378293 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-Y - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
More results

Similar Description - 1378296

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1376496 PHOENIX-1376496 Datasheet
322Kb / 8P
D32H 2,2/ 2-H-5,08-Y - PCB header
1376640 PHOENIX-1376640 Datasheet
384Kb / 11P
D32H 2,2/ 4-FH-5,08-X - PCB connector
1376639 PHOENIX-1376639 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-X - PCB connector
1378286 PHOENIX-1378286 Datasheet
318Kb / 8P
D32H 2,2/ 2-V-5,08-Y - PCB header
1376634 PHOENIX-1376634 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-X - PCB connector
1378297 PHOENIX-1378297 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-Y - PCB connector
1378287 PHOENIX-1378287 Datasheet
318Kb / 8P
D32H 2,2/ 3-V-5,08-Y - PCB header
1378283 PHOENIX-1378283 Datasheet
320Kb / 8P
D32H 2,2/ 5-H-5,08-Y - PCB header
1378298 PHOENIX-1378298 Datasheet
384Kb / 11P
D32H 2,2/ 4-FH-5,08-Y - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com