Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL800DB100WCF Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29SL800DB100WCF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WCF Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29SL800DB100WCF Datasheet HTML 26Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 27Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 28Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 29Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 30Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 31Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 32Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 33Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
D A TA
SH EE T
28
Am29SL800D
27546A6 January 23, 2007
AC CHARACTERISTICS
Notes:
1.
Not 100% tested.
2.
See Figure 11, on page 27 and Table 8 on page 27 for test specifications
3.
VCC min. = 1.7V
.
Table 10.
Read Operations
Parameter
Description
Speed Options
JEDEC
Std
Test Setup
-90
-100
-120
-150
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
90
(Note 3)
100
120
150
ns
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
Max
90
(Note 3)
100
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
(Note 3)
100
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
35
50
65
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
tOEH
Output Enable
Hold Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
30
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First (Note 1)
Min
0
ns
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
RY/BY#
RESET#
tD
tO
Figure 13.
Read Operations Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com