Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL800DB100WCF Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM29SL800DB100WCF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WCF Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM29SL800DB100WCF Datasheet HTML 37Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 38Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 39Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 40Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 41Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 42Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 43Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 44Page - Advanced Micro Devices AM29SL800DB100WCF Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
D A TA
SH EE T
January 23, 2007 27546A6
Am29SL800D
39
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1.
Typical program and erase times assume the following conditions: 25
°C, 2.0 V V
CC, 1,000,000 cycles. Additionally, programming typicals
assume checkerboard pattern.
2.
Under worst case conditions of 90°C, VCC = 1.8 V, 1,000,000 cycles.
3.
The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster
than the maximum program times listed.
4.
In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5.
System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 5 for further
information on command definitions.
6.
The device has a minimum guaranteed erase and program cycle endurance of 1,000,000 cycles.
Includes all pins except VCC. Test conditions: VCC = 1.8 V, one pin at a time.
Notes:
1.
Sampled, not 100% tested.
2.
Test conditions TA = 25°C, f = 1.0 MHz.
Table 16.
Erase and Programming Performance
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.7
15
s
Excludes 00h programming prior
to erasure (Note 4)
Chip Erase Time
14
s
Byte Programming Time
5
150
µs
Excludes system level overhead
(Note 5)
Word Programming Time
7
210
µs
Chip Programming Time
(Note 3)
Byte Mode
5.3
16
s
Word Mode
3.7
11
s
Table 17.
Latchup Characteristics
Description
Min
Max
Input voltage with respect to VSS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
11.0 V
Input voltage with respect to VSS on all I/O pins
–0.5 V
VCC + 0.5 V
VCC Current
–100 mA
+100 mA
Table 18.
TSOP Pin Capacitance
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Table 19.
Data Retention
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com