Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I3V-HT Datasheet(PDF) 21 Page - SMSC Corporation

Part # COM20022I3V-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I3V-HT Datasheet(HTML) 21 Page - SMSC Corporation

Back Button COM20022I3V-HT Datasheet HTML 17Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 18Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 19Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 20Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 21Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 22Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 23Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 24Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
Datasheet
SMSC COM20022I 3.3V Rev.C
Page 21
Revision 03-08-07
DATASHEET
5.2
Transmission Media Interface
The bottom halves of Figure 5.1 and Figure 5.2 illustrate the COM20022I 3V interface to the transmission
media used to connect the node to the network. Table 5.1 lists different types of cable which are suitable
for ARCNET applications.
1 The user may interface to the cable of choice in one of three ways:
5.2.1
Traditional Hybrid Interface
The Traditional Hybrid Interface is that which is used with previous ARCNET devices.
The Hybrid
Interface is recommended if the node is to be placed in a network with other Hybrid-Interfaced nodes. The
Traditional Hybrid Interface is for use with nodes operating at 2.5 Mbps only. The transformer coupling of
the Hybrid offers isolation for the safety of the system and offers high Common Mode Rejection. The
Traditional Hybrid Interface uses circuits like SMSC's HYC9068 or HYC9088 to transfer the pulse-encoded
data between the cable and the COM20022I 3V. The COM20022I 3V transmits a logic "1" by generating
two 100nS non-overlapping negative pulses, nPULSE1 and nPULSE2. Lack of pulses indicates a logic
"0". The nPULSE1 and nPULSE2 signals are sent to the Hybrid, which creates a 200nS dipulse signal on
the media. A logic "0" is transmitted by the absence of the dipulse. During reception, the 200nS dipulse
appearing on the media is coupled through the RF transformer of the LAN Driver, which produces a
positive pulse at the RXIN pin of the COM20022I 3V. The pulse on the RXIN pin represents a logic "1".
Lack of pulse represents a logic "0". Typically, RXIN pulses occur at multiples of 400nS. The COM20022I
3V can tolerate distortion of plus or minus 100nS and still correctly capture and convert the RXIN pulses to
NRZ format. Figure 5.5 illustrates the events which occur in transmission or reception of data consisting of
1, 1, 0.
5.2.2
Backplane Configuration
The Backplane Open Drain Configuration is recommended for cost-sensitive, short-distance applications
like backplanes and instrumentation. This mode is advantageous because it saves components, cost, and
power.
Since the Backplane Configuration encodes data differently than the traditional Hybrid Configuration,
nodes utilizing the Backplane Configuration cannot communicate directly with nodes utilizing the
Traditional Hybrid Configuration. The Backplane Configuration does not isolate the node from the media
nor protects it from Common Mode noise, but Common Mode Noise is less of a problem in short
distances.
The COM20022I 3V supplies a programmable output driver for Backplane Mode operation. A push/pull or
open drain driver can be selected by programming the P1MODE bit of the Setup 1 Register (see register
descriptions for details). The COM20022I 3V defaults to an open drain output.
The Backplane Configuration provides for direct connection between the COM20022I 3V and the media.
Only one pull-up resistor (in open drain configuration of the output driver) is required somewhere on the
media (not on each individual node). The nPULSE1 signal, in this mode, is an open drain or push/pull
driver and is used to directly drive the media. It issues a 200nS negative pulse to transmit a logic "1". Note
that when used in the open-drain mode, the COM20022I 3V does not have a fail/safe input on the RXIN
pin. The nPULSE1 signal actually contains a weak pull-up resistor. This pull-up should not take the place
of the resistor required on the media for open drain mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com