Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I3V-HT Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM20022I3V-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I3V-HT Datasheet(HTML) 4 Page - SMSC Corporation

  COM20022I3V-HT Datasheet HTML 1Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 2Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 3Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 4Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 5Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 6Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 7Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 8Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
Datasheet
Revision 03-08-07
Page 4
SMSC COM20022I 3.3V Rev.C
DATASHEET
6.4.1
Transmit Command Chaining .................................................................................................................45
6.4.2
Receive Command Chaining ..................................................................................................................45
6.4.3
Reset Details ..........................................................................................................................................46
6.5
Initialization Sequence ...................................................................................................................... 46
6.5.1
Bus Determination ..................................................................................................................................46
6.6
Improved Diagnostics........................................................................................................................ 47
6.6.1
Normal Results: ......................................................................................................................................48
6.6.2
Abnormal Results: ..................................................................................................................................48
6.6.3
Oscillator.................................................................................................................................................48
Chapter 7
Operational Description .................................................................................................... 50
7.1
Maximum Guaranteed Ratings* ........................................................................................................ 50
7.2
DC Electrical Characteristics............................................................................................................. 50
Chapter 8
Timing Diagrams................................................................................................................ 53
Chapter 9
Appendix A ......................................................................................................................... 69
9.1
NOSYNC Bit ...................................................................................................................................... 69
9.2
EF Bit................................................................................................................................................. 69
Chapter 10
Appendix B ......................................................................................................................72
Chapter 11
Appendix C......................................................................................................................73
11.1
Software Identification of the COM20022I 3V Rev B and Rev C................................................... 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com