Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB Datasheet(HTML) 5 Page - Intersil Corporation

  HIP1012ACB Datasheet HTML 1Page - Intersil Corporation HIP1012ACB Datasheet HTML 2Page - Intersil Corporation HIP1012ACB Datasheet HTML 3Page - Intersil Corporation HIP1012ACB Datasheet HTML 4Page - Intersil Corporation HIP1012ACB Datasheet HTML 5Page - Intersil Corporation HIP1012ACB Datasheet HTML 6Page - Intersil Corporation HIP1012ACB Datasheet HTML 7Page - Intersil Corporation HIP1012ACB Datasheet HTML 8Page - Intersil Corporation HIP1012ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
HIP1012A Description and Operation
The HIP1012A is a multifeatured dual power supply
distribution controller, including programmable current
limiting regulation and time to latch off. Additionally the
HIP1012A operates both as a +3.3V and 5V or a +5V and
+12V power supply controller with each mode having
appropriate UnderVoltage (UV) fault notification levels.
Upon initial power up HIP1012A can either isolate the
voltage supply from the load by holding the external
N-Channel MOSFET switches off or apply the supply rail
voltage directly to the load for true hot swap capability. In
either case the HIP1012A turns on in a soft start mode
protecting the supply rail from sudden current loading. If
either PWRON pin is pulled low the HIP1012A will be in
true hot swap mode. Both PWRON pins must be high to
turn off the HIP1012A thus isolating the power supply from
the load through the external FETs.
At turn-on, the gate capacitor of each external N-Channel
MOSFET is charged with a 10
µA current source. These
capacitors create a programmable ramp (soft turn-on). A
charge pump supplies the gate drive for the 12V supply
switch driving that gate to 17V.
The load currents pass through two external current sense
resistors. When the voltage across either resistor exceeds
the user programmed Overcurrent (OC) voltage threshold
value, (see Table 1) the controller enters current regulation.
At this time the time-out capacitor, CTIM, starts charging with
a 10
µA current source and the controller enters the time out
period. The length of the time out period is set by the single
external capacitor (see Table 2) placed from the CTIM pin
(pin 10) to ground and is characterized by a lowered gate
drive voltage to the appropriate external N-Channel
MOSFET. Once CTIM charges to 2V, an internal comparator
is tripped resulting in both N-Channel MOSFETs being
latched off.
Gate Turn-On Current
ION5V
CVG = 0.01µF
8
10
12
µA
3X Gate Discharge Current
3XdisI
CVG = 0.01µF, PWRON = Low
0.5
0.75
-
A
5V Undervoltage Threshold
5VVUV
4.35
4.5
4.65
V
3.3V Undervoltage Threshold
3.3VVUV
2.65
2.8
2.95
V
3.3/5VG High Voltage
3/5VG
11.2
11.9
-
V
SUPPLY CURRENT AND IO SPECIFICATIONS
VDD Supply Current
IVDD
48
10
mA
VDD POR Rising Threshold
9.5
10.0
10.7
V
VDD POR Falling Threshold
9.3
9.8
10.3
V
Current Limit Time-Out
TILIM
CTIM = 0.1µF16
20
24
ms
PWRON Pull-up Voltage
PWRN_V
PWRON pin open
1.8
2.4
3.2
V
PWRON Rising Threshold
PWR_Vth
1.1
1.5
2
V
PWRON Hysteresis
PWR_hys
0.1
0.2
0.3
V
PWRON Pull-Up Current
PWRN_I
60
80
100
µA
Current Limit Time-Out Threshold (CTIM)CTIM_Vth
1.8
2
2.2
V
CTIM Charging Current
CTIM_I
8
10
12
µA
CTIM Discharge Current
CTIM_disI
1.7
2.6
3.5
mA
CTIM Pull-Up Current
CTIM_disI
VCTIM = 8V
3.556.5
mA
RILIM Pin Current Source Output
RILIM_Io
90
100
110
µA
Charge Pump Output Current
Qpmp_Io
CPUMP = 0.1µF, CPUMP = 16V
320
560
800
µA
Charge Pump Output Voltage
Qpmp_Vo
No load
17.2
17.4
-
V
Charge Pump Output Voltage - Loaded
Qpmp_VIo
Load current = 100
µA
16.2
16.7
-
V
Charge Pump POR Rising Threshold
Qpmp+Vth
15.6
16
16.5
V
Charge Pump POR Falling Threshold
Qpmp-Vth
15.2
15.7
16.2
V
Electrical Specifications
VDD = 12V, CVG = 0.01µF, CTIM = 0.1µF, RSENSE = 0.1Ω, CBULK = 220µF, ESR = 0.5Ω,
TA = TJ = 0°C to 70°C, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com