Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1012ACB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP1012ACB Datasheet HTML 5Page - Intersil Corporation HIP1012ACB Datasheet HTML 6Page - Intersil Corporation HIP1012ACB Datasheet HTML 7Page - Intersil Corporation HIP1012ACB Datasheet HTML 8Page - Intersil Corporation HIP1012ACB Datasheet HTML 9Page - Intersil Corporation HIP1012ACB Datasheet HTML 10Page - Intersil Corporation HIP1012ACB Datasheet HTML 11Page - Intersil Corporation HIP1012ACB Datasheet HTML 12Page - Intersil Corporation HIP1012ACB Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Exploring and Using the HIP1012EVAL1
Board (Figures 13 and 14)
The HIP1012EVAL1 is a flexible platform for a thorough
evaluation of the HIP1012A dual power supply controller.
This eval board comes in three separate parts allowing the
evaluation of two principal configurations. To simulate a
passive back plane implementation both the GENERIC and
LOAD sections are first connected together and then the
GENERIC board is connected onto the BUS board. For an
active backplane or for the HIP1012A on an interposer board
configuration, the BUS and GENERIC sections are first
connected together and then the load board is connected
onto the GENERIC board.
The HIP1012EVAL1 board has many built in features
besides the configuration flexibility described above.
The BUS board is designed so that adding suitable
connectors and/or power supply capacitive filtering is very
easy to do through the numerous through holes for each rail
voltage and ground. Passive backplane power sequencing
can be simulated by simply shortening the finger lengths for
the rail(s) that need to come up after initial ground
connection is made.
The GENERIC board, is a flexible evaluation platform with
many designed in features for user customizing and
evaluation. The circuit is shipped default configured in the
3.3V and 5V controller mode by jumpers for easy
reconfiguration (see Table 3 for jumper settings). The default
configuration is highlighted in Table 3. The default OC levels
are 5A on the 3.3V and 1A on the 5V supplies. To operate
the HIP1012 GENERIC board in its default configuration (3V
and 5V) a dedicated +12V power supply must be provided
for the HIP1012 through tie point, W1 on the generic board.
To operate the board in the +12V and 5V mode, JP2 and
JP3 need to be reconfigured (see Table 3) and a suitable
current load needs to be provided. A programmable
electronic current load is an excellent evaluation tool for this
device. The load board is configured to sink about 3A
±1A at
3.3V. For 12V operation, the load must be modified to sink
less than 5A, otherwise, an OC failure upon power will occur.
The GENERIC board is provided with a single pair of
N-Channel MOSFETs, if currents > 6A are to be evaluated
then an additional pair of MOSFETs can be installed in the
provided space to reduce distribution losses. Additionally, for
even higher current evaluations, space for TO-252AA, DPAK
or D2PAK devices has been provided. Tie points on the
output side of the GENERIC board are provided for direct
access to a high current load. Performance customizing can
easily be accomplished by substitution/addition of several
SMD components to the existing layout or by utilizing the
included bread board area. See Table 5 for the component
listing and applicable formulae.
The LOAD board, consists of four load switches, output
resistive and capacitive loads and output on indicating
LED’s. The resistive loads are configured so that either no
current, a low or high current load relative to the OC trip
point can be invoked for both supplies. An OC event can be
emulated by switching both switches of any one output to the
on position (see Table 4, OC conditions highlighted). Load
connection sequencing can be done by shorting the desired
finger lengths. As noted, the GENERIC board is default
configured for 3V and 5V operation. For 12V evaluation
replace RL3 and RL4 with a suitable load.
TABLE 3. JUMPER CONFIGURATION
JP #
OPEN /
SHORT
CIRCUIT CONDITION
1Short to GND
2-3
PWRON2 shorted to ground. True HOT
SWAP mode. PWRON1 only controls reset
with rising edge.
1
Short to 5V
1-2
PWRON2 shorted to 5V. Reset and turn on
controlled only by PWRON1. Single input
control mode
1
Open
PWRON2 will be internally pulled high to
~2.5V, compatible with logic signal. The
HIP1012A can not turn on until PWRON2
is driven low.
2
Open
HIP1012A must be powered from a
dedicated +12V power supply.
2
Short
HIP1012A VDD pin connected to same 12V
supply as load. See Decoupling Concerns in
Critical Items section.
3
Open
C1 in circuit. Charge pump capacitor
necessary for 5V and 12V operating mode to
develop ~ 11.7V for 12VG voltage.
3
Short
Shorts across charge pump capacitor, C1.
Capacitor not needed in 3V and 5V mode.
4Short to GND
1-2
HIP1012A MODE/PWRON1 shorted to
ground. True HOT SWAP mode. PWRON2
rising edge only resets HIP1012A.
4
Short to 5V
2-4
MODE/PWRON1 shorted to 5V. PWRON2
only single mode control.
4
Short to
VDD
2-3
HIP1012A MODE/PWRON1 connected to
VDD pin. This along with JP3 installed
invokes and configures HIP1012A for 3V
and 5V operation. Controlled by PWRON2
4
Open
HIP1012A MODE/PWRON1 will be internally
pulled high to ~2.5V, compatible with logic.
Redundant controller mode when each
PWRON pin is driven by separate signals.
TABLE 4. LOAD CURRENT
SW13
SW14
3.3V IOUT
A
SW11
SW12
5.0V IOUT
A
000
000
012
01
0.5
104
10
0.74
1
1
6
1
1
1.24
HIP1012A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com