Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM70PDL129CDH Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM70PDL129CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL129CDH Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM70PDL129CDH Datasheet HTML 74Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 75Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 76Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 77Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 78Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 79Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 80Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 81Page - Advanced Micro Devices AM70PDL129CDH Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 127 page
background image
76
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
TIMING DIAGRAMS
Figure 26.
Timing Waveform of Read Cycle 1
Figure 27.
Timing Waveform of Read Cycle 2
Notes:
1. t
HZ and tOZ are defined as the time at which the outputs
achieve the open circuit conditions and are not
referenced to output voltage levels.
2. At any given temperature and voltage condition, t
HZ (Max) is
less than t
LZ (Min) both for a given device and from device
interconnection.
3. t
OE (Max) is met only when OE# becomes enabled after tAA
(Max).
4. If invalid address signals shorter than min. t
RC are
continuously repeated for over 4 us, the device needs a
normal read timing (t
RC) or needs to sustain standby state
for min. t
RC at least once in every 4 us.
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH
Data Valid
High-Z
tRC
tOH
tAA
tBA
tOE
tOLZ
t BLZ
t LZ
t OHZ
t BHZ
t HZ
tCO
Address
CS#1s
UB#, LB#
OE#
Data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com