Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000004 Datasheet(PDF) 30 Page - SPANSION

Part # M750000004
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000004 Datasheet(HTML) 30 Page - SPANSION

Back Button M750000004 Datasheet HTML 26Page - SPANSION M750000004 Datasheet HTML 27Page - SPANSION M750000004 Datasheet HTML 28Page - SPANSION M750000004 Datasheet HTML 29Page - SPANSION M750000004 Datasheet HTML 30Page - SPANSION M750000004 Datasheet HTML 31Page - SPANSION M750000004 Datasheet HTML 32Page - SPANSION M750000004 Datasheet HTML 33Page - SPANSION M750000004 Datasheet HTML 34Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 129 page
background image
28
Am75PDL191CHHa/Am75PDL193CHHa
January 14, 2004
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA231
11100000XXX
32
700000h–707FFFh
SA232
11100001XXX
32
708000h–70FFFFh
SA233
11100010XXX
32
710000h–717FFFh
SA234
11100011XXX
32
718000h–71FFFFh
SA235
11100100XXX
32
720000h–727FFFh
SA236
11100101XXX
32
728000h–72FFFFh
SA237
11100110XXX
32
730000h–737FFFh
SA238
11100111XXX
32
738000h–73FFFFh
SA239
11101000XXX
32
740000h–747FFFh
SA240
11101001XXX
32
748000h–74FFFFh
SA241
11101010XXX
32
750000h–757FFFh
SA242
11101011XXX
32
758000h–75FFFFh
SA243
11101100XXX
32
760000h–767FFFh
SA244
11101101XXX
32
768000h–76FFFFh
SA245
11101110XXX
32
770000h–777FFFh
SA246
11101111XXX
32
778000h–77FFFFh
SA247
11110000XXX
32
780000h–787FFFh
SA248
11110001XXX
32
788000h–78FFFFh
SA249
11110010XXX
32
790000h–797FFFh
SA250
11110011XXX
32
798000h–79FFFFh
SA251
11110100XXX
32
7A0000h–7A7FFFh
SA252
11110101XXX
32
7A8000h–7AFFFFh
SA253
11110110XXX
32
7B0000h–7B7FFFh
SA254
11110111XXX
32
7B8000h–7BFFFFh
SA255
11111000XXX
32
7C0000h–7C7FFFh
SA256
11111001XXX
32
7C8000h–7CFFFFh
SA257
11111010XXX
32
7D0000h–7D7FFFh
SA258
11111011XXX
32
7D8000h–7DFFFFh
SA259
11111100XXX
32
7E0000h–7E7FFFh
SA260
11111101XXX
32
7E8000h–7EFFFFh
SA261
11111110XXX
32
7F0000h–7F7FFFh
SA262
11111111000
4
7F8000h–7F8FFFh
SA263
11111111001
4
7F9000h–7F9FFFh
SA264
11111111010
4
7FA000h–7FAFFFh
SA265
11111111011
4
7FB000h–7FBFFFh
SA266
11111111100
4
7FC000h–7FCFFFh
SA267
11111111101
4
7FD000h–7FDFFFh
SA268
11111111110
4
7FE000h–7FEFFFh
SA269
11111111111
4
7FF000h–7FFFFFh
Table 6.
Am29PDL127H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com