Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000004 Datasheet(PDF) 20 Page - SPANSION

Part # M750000004
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000004 Datasheet(HTML) 20 Page - SPANSION

Back Button M750000004 Datasheet HTML 16Page - SPANSION M750000004 Datasheet HTML 17Page - SPANSION M750000004 Datasheet HTML 18Page - SPANSION M750000004 Datasheet HTML 19Page - SPANSION M750000004 Datasheet HTML 20Page - SPANSION M750000004 Datasheet HTML 21Page - SPANSION M750000004 Datasheet HTML 22Page - SPANSION M750000004 Datasheet HTML 23Page - SPANSION M750000004 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 129 page
background image
18
Am75PDL191CHHa/Am75PDL193CHHa
January 14, 2004
ADV ANCE
I N FO RMAT I O N
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SADD = Flash Sector Address, AIN =
Address In, DIN = Data In, DOUT = Data Out
Notes:
1.
Other operations except for those indicated in this column are
inhibited.
2.
Do not apply CE#f1 or 2 = V
IL, CE#1ps = VIL and CE2ps = VIH at
the same time.
3.
Don’t care or open LB#s or UB#s.
4.
If WP#/ACC = V
IL, the boot sectors will be protected. If WP#/ACC
= V
IH the boot sectors protection will be removed.
If WP#/ACC = VACC (9V), the program time will be reduced by
40%.
5.
The sector protect and sector unprotect functions may also be
implemented via programming equipment. See the “Sector/Sector
Block Protection and Unprotection” section.
6.
If WP#/ACC = V
IL, the two outermost boot sectors remain
protected. If WP#/ACC = V
IH, the two outermost boot sector
protection depends on whether they were last protected or
unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If WP#/ACC = V
HH, all sectors will
be unprotected.
7.
Data will be retained in pSRAM.
8.
Data will be lost in pSRAM.
9.
Both CE#f1 inputs may be held low for this operation.
Operation
(Notes 1, 2)
CE#f1
Active
CE#f2
(PDL129
only)
CE#1ps CE2ps OE# WE#
Addr.
LB#s
(Note
3)
UB#s
(Note
3)
RESET#
WP#/
ACC
(Note 4)
DQ7–
DQ0
DQ15–
DQ8
Read from
Active Flash
(Note 7)
L (H)
H (L)
HH
LH
AIN
XX
H
L/H
DOUT
DOUT
(Note 8)
H
L
Write to Active
Flash
(Note 7)
L (H)
H (L)
HH
HL
A
IN
XX
H
(Note 4)
D
IN
D
IN
(Note 8)
H
L
Standby
V
CC ± 0.3 V
HH
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Deep Power-down
Standby
VCC ± 0.3 V
HL
X
X
X
X
X
V
CC ±
0.3 V
H
High-Z
High-Z
Output Disable (Note 9)
L (H)
H (L)
L
H
HH
X
X
X
H
L/H
High-Z
High-Z
HH
X
X
X
Flash Hardware
Reset
(Note 7)
X
HH
X
X
X
X
X
L
L/H
High-Z
High-Z
(Note 8)
H
L
Sector Protect
(Notes 6, 10)
(Note 7)
L (H)
H (L)
HH
HL
SADD,
A6 = L,
A1 = H,
A0 = L
XX
VID
L/H
DIN
X
(Note 9)
H
L
Sector
Unprotect
(Notes 5, 9)
(Note 7)
L (H)
H (L)
HH
HL
SADD,
A6 = H,
A1 = H,
A0 = L
XX
V
ID
(Note 6)
D
IN
X
(Note 8)
H
L
Temporary
Sector
Unprotect
(Note 7)
X
HH
XX
X
X
X
V
ID
(Note 6)
D
IN
High-Z
(Note 8)
H
L
Read from pSRAM
H
H
L
H
L
H
A
IN
LL
HX
D
OUT
D
OUT
H
L
High-Z
D
OUT
LH
D
OUT
High-Z
Write to pSRAM
H
H
L
H
X
L
A
IN
LL
HX
D
IN
D
IN
H
L
High-Z
D
IN
LH
D
IN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com