Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000004 Datasheet(PDF) 107 Page - SPANSION

Part # M750000004
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000004 Datasheet(HTML) 107 Page - SPANSION

Back Button M750000004 Datasheet HTML 103Page - SPANSION M750000004 Datasheet HTML 104Page - SPANSION M750000004 Datasheet HTML 105Page - SPANSION M750000004 Datasheet HTML 106Page - SPANSION M750000004 Datasheet HTML 107Page - SPANSION M750000004 Datasheet HTML 108Page - SPANSION M750000004 Datasheet HTML 109Page - SPANSION M750000004 Datasheet HTML 110Page - SPANSION M750000004 Datasheet HTML 111Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 129 page
background image
January 14, 2004
Am75PDL191CHHa/Am75PDL193CHHa
105
ADV ANCE
I N FO RMAT I O N
PSRAM DC CHARACTERISTICS
Recommended DC Operating Conditions (Note 1)
Notes:
1.
TA = -40 to 85°C, otherwise specified.
2.
Overshoot: VCC + 1.0 V in case of pulse width
≤ 20 ns.
3.
Undershoot: -1.0 V in case of pulse width
≤ 20 ns.
4.
Overshoot and undershoot are sampled, not 100% tested.
Capacitance (f= 1MHz, TA = 25
°C)
Note: Capacitance is sampled, not 100% tested.
DC and Operating Characteristics
Note: Typical values are tested at V
CC= 2.9 V, TA= 25°C and not guaranteed.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
2.7
2.9
3.1
V
Ground
V
SS
00
0
V
Input High Voltage
V
IH
2.2
-
V
CC + 0.3
(Note 2)
V
Input Low Voltage
V
IL
-0.3 (Note 3)
-
0.6
V
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
C
IN
V
IN= 0 V
-
8
pF
Input/Output Capacitance
C
IO
V
IO= 0 V
-
10
pF
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Leakage Current
I
LI
V
IN= VSS to VCC
-1
-
1
µs
Output Leakage Current
I
LO
CS#1s= V
IH, CS2s= VIH or WE#= VIL, VIO= VSS to VCC
-1
-
1
µs
Average Operating Current
I
CC1
Cycle time = 1ms, 100% duty, I
IO= 0 mA,
CS#1s
≤ 0.2 V, CS2s ≥ V
CC
≤ 0.2 V or
V
IN
≥ V
CC-0.2 V
-30
7
mA
I
CC2
Cycle Time = Min, I
IO = 0 mA, 100% duty, IIO = 0 mA,
CS#1s = V
IL, CS2s = VIH, VIN=VIL or VIH
--
35
mA
Output Low Voltage
V
OL
I
OL= 2.1 mA
-
-
0.4
V
Output High Voltage
V
OH
I
OH= -1.0 mA
2.4
-
-
V
Standby Current (CMOS)
I
SB1
CS#1s
≥ V
CC-0.2 V, CS2s
≥ V
CC-0.2 V,
Other inputs= V
SS to VCC
--
80
µs
Deep Power Down
I
SBD
CS2s
≤ 0.2V, Other inputs= V
SS to VCC
--
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com