Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000004 Datasheet(PDF) 127 Page - SPANSION

Part # M750000004
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000004 Datasheet(HTML) 127 Page - SPANSION

Back Button M750000004 Datasheet HTML 121Page - SPANSION M750000004 Datasheet HTML 122Page - SPANSION M750000004 Datasheet HTML 123Page - SPANSION M750000004 Datasheet HTML 124Page - SPANSION M750000004 Datasheet HTML 125Page - SPANSION M750000004 Datasheet HTML 126Page - SPANSION M750000004 Datasheet HTML 127Page - SPANSION M750000004 Datasheet HTML 128Page - SPANSION M750000004 Datasheet HTML 129Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 127 / 129 page
background image
January 14, 2004
Am75PDL191CHHa/Am75PDL193CHHa
125
ADV ANCE
I N FO RMAT I O N
PHYSICAL DIMENSIONS
FMB073—73-Ball Fine-Pitch Grid Array 9 x 13 mm
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX IN THE "D" DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX IN THE "E" DIRECTION.
n IS THE NUMBER OF POPULATED SOLDER BALL
POSITIONS FOR MATRIX SIZE MD X ME.
6.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7.
SD AND SE ARE MEASURED WITH RESPECT TO
DATUMS A AND B AND DEFINE THE POSITION OF THE
CENTER SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS
IN THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS
IN THE OUTER ROW, SD OR SE = E/2
8.
"+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9.
NOT USED.
10. A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER
OR INK MARK, METALLIZED MARK INDENTATION OR
OTHER MEANS.
PACKAGE
FMB 073
JEDEC
N/A
13.00 mm X 9.00 mm PACKAGE
NOTE
SYMBOL
MIN.
NOM.
MAX.
A
---
---
1.40
PROFILE
A1
0.20
---
---
BALL HEIGHT
A2
1.02
---
1.17
BODY THICKNESS
D
13.00 BSC
BODY SIZE
E
9.00 BSC
BODY SIZE
D1
8.80 BSC
MATRIX FOOTPRINT
E1
7.20 BSC
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
73
BALL COUNT
Ob
0.29
---
0.39
BALL DIAMETER
eE
0.80 BSC
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD/SE
0.40 BSC
SOLDER BALL PLACEMENT
A2,A3,A4,A5,A6,A7,A8,A9
DEPOPULATED SOLDER BALLS
B2,B3,B4,B5,B6,B7,B8,B9
C2,C9,C10,D1,D10,E1,E10
F5,F6,G5,G6,H1,H10,J1,J10
K1,K2,K9,K10,L2,L3,L4,L7,L8,L9
M2,M3,M4,M5,M6,M7,M8,M9
w053003f-163814c
10
INDEX MARK
73X
C
0.15
(2X)
(2X)
C
0.15
B
A
6
b
0.20 C
C
0.15 M
C
MC
AB
0.08
D
E
PIN A1
C
TOP VIEW
SIDE VIEW
CORNER
A2
A1
A
0.08
10
8
9
7
6
4
3
2
1
5
A
DC
E
F
G
H
J
K
L
M
B
eD
CORNER
E1
7
SE
D1
eE
SD
BOTTOM VIEW
PIN A1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com