Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000007 Datasheet(PDF) 65 Page - SPANSION

Part # M750000007
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000007 Datasheet(HTML) 65 Page - SPANSION

Back Button M750000007 Datasheet HTML 61Page - SPANSION M750000007 Datasheet HTML 62Page - SPANSION M750000007 Datasheet HTML 63Page - SPANSION M750000007 Datasheet HTML 64Page - SPANSION M750000007 Datasheet HTML 65Page - SPANSION M750000007 Datasheet HTML 66Page - SPANSION M750000007 Datasheet HTML 67Page - SPANSION M750000007 Datasheet HTML 68Page - SPANSION M750000007 Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
February 6, 2004
Am75PDL191BHHa/Am75PDL193BHHa
63
ADV ANCE
I N FO RMAT I O N
DC CHARACTERISTICS
CMOS Compatible
Notes:
1.
Valid CE#f1/CE#f2 conditions (PDL129 only): (CE#f1= VIL, CE#f2=
VIH) or (CE#f1= VIH, CE#f2= VIL)
2.
The I
CC current listed is typically less than 5 mA/MHz, with OE# at
VIH.
3.
Maximum I
CC specifications are tested with VCC = VCCmax.
4.
ICC active while Embedded Erase or Embedded Program is in
progress.
5.
Automatic sleep mode enables the low power mode when
addresses remain stable for tACC + 150 ns. Typical sleep mode
current is 1
µA.
6.
Not 100% tested.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current
V
IN = VSS to VCC,
VCC = VCC max
±1.0
µA
I
LIT
A9, OE#, RESET# Input Load Current
V
CC = VCC max; VID= 12.5 V
35
µA
I
LR
Reset Leakage Current
V
CC = VCC max; VID= 12.5 V
35
µA
I
LO
Output Leakage Current
V
OUT = VSS to VCC, OE# = VIH
V
CC = VCC max
±1.0
µA
I
CC1
V
CC Active Read Current (Notes Table.1
30898a2.fm, 2, 3)
OE# = V
IH, VCC = VCC max
(Note 1)
5 MHz
20
30
mA
10 MHz
45
55
I
CC2
V
CC Active Write Current (Notes Table.1
30898a2.fm, 3, 4)
OE# = VIH, WE# = VIL
15
25
mA
ICC3
V
CC Standby Current (Note 3)
CE#f1, CE#f2 (PDL129 only),
RESET#, WP/ACC# = V
IO ± 0.3 V
15
µA
ICC4
V
CC Reset Current (Note 3)
RESET# = V
SS ± 0.3 V, CE# = VSS
15
µA
I
CC5
Automatic Sleep Mode (Notes 3, 5)
VIH = VIO ± 0.3 V;
V
IL = VSS ± 0.3 V, CE# = VSS
15
µA
I
CC6
V
CC Active Read-While-Program Current
(Notes 1, 2, 3)
OE# = V
IH
Word
21
45
mA
I
CC7
V
CC Active Read-While-Erase Current
(Notes 1, 2, 3)
OE# = V
IH
Word
21
45
mA
I
CC8
V
CC Active Program-While-Erase-
Suspended Current (Notes 1, 3, 6)
OE# = VIH
17
25
mA
VIL
Input Low Voltage
V
IO = 2.7–3.6 V
–0.5
0.8
V
VIH
Input High Voltage
V
IO = 2.7–3.6 V
2.0
VCC+0.3
V
VHH
Voltage for ACC Program Acceleration
V
CC = 3.0 V ± 10%
8.5
9.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
V
CC = 3.0 V ± 10%
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 2.0 mA, VCC = VCC min
0.4
V
V
OH
Output High Voltage
I
OH = –2.0 mA, VCC = VCC min
2.4
V
VLKO
Low V
CC Lock-Out Voltage (Note 6)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com