Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000007 Datasheet(PDF) 66 Page - SPANSION

Part # M750000007
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000007 Datasheet(HTML) 66 Page - SPANSION

Back Button M750000007 Datasheet HTML 62Page - SPANSION M750000007 Datasheet HTML 63Page - SPANSION M750000007 Datasheet HTML 64Page - SPANSION M750000007 Datasheet HTML 65Page - SPANSION M750000007 Datasheet HTML 66Page - SPANSION M750000007 Datasheet HTML 67Page - SPANSION M750000007 Datasheet HTML 68Page - SPANSION M750000007 Datasheet HTML 69Page - SPANSION M750000007 Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
64
Am75PDL191BHHa/Am75PDL193BHHa
February 6, 2004
ADV ANCE
I N FO RMAT I O N
pSRAM DC & OPERATING CHARACTERISTICS
Notes:
1. TA= –40 to 85°C, otherwise specified.
2. Overshoot: V
CC + 1.0V in case of pulse width ≤20 ns.
3. Undershoot: –1.0 V in case of pulse width
≤20 ns.
4. Overshoot and undershoot are sampled, not 100%
tested.
CAPACITANCE
Notes:
1. Capacitance is sampled, not 100% tested.
DC and Operating Characteristics
Notes:
1. Typical values are tested at VCC = 2.9, TA = 25C and not guaranteed.
2. Standby mode is supposed to be set up after at least one active operation. I
SB1 is measured after 60 ms from the time when
standby mode is set up.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
2.7
2.9
3.1
V
Ground
V
SS
000
V
Input High Voltage
V
IH
2.2
–
VCC + 0.3
(Note 2)
V
Input Low Voltage
V
IL
–0.3 (Note 3)
–
0.6
V
Item
Symbol
Test Conditions
Min
Max
Unit
Input Capacitance
C
IN
V
IN = 0 V
–
8
pF
Input/Output Capacitance
C
IO
V
IO = 0 V
–
10
pF
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Leakage Current
I
LI
V
IN = VSS to VCC
-1
–
1
µA
Output Leakage Current
I
LO
CS#1s = V
IH, CS2s = VIH, OE# = VIH or WE# =
V
IL, VIO = VSS to VCC
-1
–
1
µA
Average Operating Current
I
CC1
Cycle time = 1 µs, 100% duty, I
IO = 0 mA,
CS#1s
≤ 0.2 V, CS2s ≥ V
CC-0.2 V,
V
IN ≤ 0.2 V or VIN ≥ VCC-0.2 V
–4
7
mA
I
CC2
Cycle Time = Min, I
IO= 0 mA, 100% duty,
CS#1s = V
IL, CS2s = VIH, VIN = VIL or VIH
–30
35
mA
Output Low Voltage
V
OL
I
OL = 2.1 mA
–
–
0.4
V
Output High Voltage
V
OH
IOH = –1.0 mA
2.4
–
–
V
Standby Current (CMOS)
I
SB1
CS#1s
≥ V
CC-0.2 CS2s ≥ VCC-0.2 V,
Other Inputs = V
SS to VCC
–
–
80
µA
Deep Power Down
I
SBD
CS2s
≤ 0.2, Other Inputs = V
SS to VCC
–
–
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com