Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000009 Datasheet(PDF) 32 Page - SPANSION

Part # M750000009
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000009 Datasheet(HTML) 32 Page - SPANSION

Back Button M750000009 Datasheet HTML 28Page - SPANSION M750000009 Datasheet HTML 29Page - SPANSION M750000009 Datasheet HTML 30Page - SPANSION M750000009 Datasheet HTML 31Page - SPANSION M750000009 Datasheet HTML 32Page - SPANSION M750000009 Datasheet HTML 33Page - SPANSION M750000009 Datasheet HTML 34Page - SPANSION M750000009 Datasheet HTML 35Page - SPANSION M750000009 Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
30
Am75PDL191CHH/Am75PDL193CHH
February 5, 2004
ADV ANCE
I N FO RMAT I O N
Bank
Sector
CE#f1
CE#f2
Sector Address
(A21-A12)
Sector Size
(Kwords)
Address Range (x16)
SA1-38
0
1
0100110XXX
32
130000h–137FFFh
SA1-39
0
1
0100111XXX
32
138000h–13FFFFh
SA1-40
0
1
0101000XXX
32
140000h–147FFFh
SA1-41
0
1
0101001XXX
32
148000h–14FFFFh
SA1-42
0
1
0101010XXX
32
150000h–157FFFh
SA1-43
0
1
0101011XXX
32
158000h–15FFFFh
SA1-44
0
1
0101100XXX
32
160000h–167FFFh
SA1-45
0
1
0101101XXX
32
168000h–16FFFFh
SA1-46
0
1
0101110XXX
32
170000h–177FFFh
SA1-47
0
1
0101111XXX
32
178000h–17FFFFh
SA1-48
0
1
0110000XXX
32
180000h–187FFFh
SA1-49
0
1
0110001XXX
32
188000h–18FFFFh
SA1-50
0
1
0110010XXX
32
190000h–197FFFh
SA1-51
0
1
0110011XXX
32
198000h–19FFFFh
SA1-52
0
1
0110100XXX
32
1A0000h–1A7FFFh
SA1-53
0
1
0110101XXX
32
1A8000h–1AFFFFh
SA1-54
0
1
0110110XXX
32
1B0000h–1B7FFFh
SA1-55
0
1
0110111XXX
32
1B8000h–1BFFFFh
SA1-56
0
1
0111000XXX
32
1C0000h–1C7FFFh
SA1-57
0
1
0111001XXX
32
1C8000h–1CFFFFh
SA1-58
0
1
0111010XXX
32
1D0000h–1D7FFFh
SA1-59
0
1
0111011XXX
32
1D8000h–1DFFFFh
SA1-60
0
1
0111100XXX
32
1E0000h–1E7FFFh
SA1-61
0
1
0111101XXX
32
1E8000h–1EFFFFh
SA1-62
0
1
0111110XXX
32
1F0000h–1F7FFFh
SA1-63
0
1
0111111XXX
32
1F8000h–1FFFFFh
SA1-64
0
1
1000000XXX
32
200000h–207FFFh
SA1-65
0
1
1000001XXX
32
208000h–20FFFFh
SA1-66
0
1
1000010XXX
32
210000h–217FFFh
SA1-67
0
1
1000011XXX
32
218000h–21FFFFh
SA1-68
0
1
1000100XXX
32
220000h–227FFFh
SA1-69
0
1
1000101XXX
32
228000h–22FFFFh
SA1-70
0
1
1000110XXX
32
230000h–237FFFh
SA1-71
0
1
1000111XXX
32
238000h–23FFFFh
SA1-72
0
1
1001000XXX
32
240000h–247FFFh
SA1-73
0
1
1001001XXX
32
248000h–24FFFFh
SA1-74
0
1
1001010XXX
32
250000h–257FFFh
SA1-75
0
1
1001011XXX
32
258000h–25FFFFh
SA1-76
0
1
1001100XXX
32
260000h–267FFFh
SA1-77
0
1
1001101XXX
32
268000h–26FFFFh
Table 7.
Am29PDL129H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com