Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000009 Datasheet(PDF) 12 Page - SPANSION

Part # M750000009
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000009 Datasheet(HTML) 12 Page - SPANSION

Back Button M750000009 Datasheet HTML 8Page - SPANSION M750000009 Datasheet HTML 9Page - SPANSION M750000009 Datasheet HTML 10Page - SPANSION M750000009 Datasheet HTML 11Page - SPANSION M750000009 Datasheet HTML 12Page - SPANSION M750000009 Datasheet HTML 13Page - SPANSION M750000009 Datasheet HTML 14Page - SPANSION M750000009 Datasheet HTML 15Page - SPANSION M750000009 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
10
Am75PDL191CHH/Am75PDL193CHH
February 5, 2004
ADV ANCE
I N FO RMAT I O N
Temporary Sector Unprotect ................................................ 115
Figure 23. Temporary Sector Unprotect Timing Diagram ............. 115
Figure 24. Sector/Sector Block Protect and
Unprotect Timing Diagram ............................................................ 116
Alternate CE# Controlled Erase and Program Operations ... 117
Figure 25. Alternate CE# Controlled Write (Erase/Program)
Operation Timings......................................................................... 118
Erase And Programming Performance . . . . . . . 119
Latchup Characteristics . . . . . . . . . . . . . . . . . . 119
PSRAM AC Characteristics . . . . . . . . . . . . . . . . 120
CE#s Timing ......................................................................... 120
Figure 26. Timing Diagram for Alternating
Between Pseudo SRAM to Flash.................................................. 120
Figure 27. Timing Waveform of Power-up .................................... 120
pSRAM AC CHaracteristics . . . . . . . . . . . . . . . . 121
Functional Description .......................................................... 121
Absolute Maximum Ratings .................................................. 121
DC Recommended Operating Conditions (Ta = -25oC to 85oC)
121
DC Characteristics (Ta = -25oC to 85oC, VDD = 2.6 to 3.3 V) ..
122
Capacitance (Ta = -25oC, f = 1 MHz) .................................. 122
AC Characteristics and Operating Conditions ...................... 123
AC Test Conditions ............................................................... 124
Timing Diagrams ................................................................... 125
Page Read Cycle (8 words access) ...................................... 125
Write Cycle 1 ........................................................................ 126
Write Cycle 2 ........................................................................ 126
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . 128
FMB073—73-Ball Fine-Pitch Grid Array 9 x 12 mm ............. 128
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . 129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com