Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000009 Datasheet(PDF) 124 Page - SPANSION

Part # M750000009
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000009 Datasheet(HTML) 124 Page - SPANSION

Back Button M750000009 Datasheet HTML 120Page - SPANSION M750000009 Datasheet HTML 121Page - SPANSION M750000009 Datasheet HTML 122Page - SPANSION M750000009 Datasheet HTML 123Page - SPANSION M750000009 Datasheet HTML 124Page - SPANSION M750000009 Datasheet HTML 125Page - SPANSION M750000009 Datasheet HTML 126Page - SPANSION M750000009 Datasheet HTML 127Page - SPANSION M750000009 Datasheet HTML 128Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 136 page
background image
122
Am75PDL191CHH/Am75PDL193CHH
February 5, 2004
ADV ANCE
I N FO RMAT I O N
DC Characteristics (Ta = -25
oC to 85oC, VDD = 2.6 to 3.3 V)
Notes:
1.
IDDO depends on the cycle time.
2.
IDDO depends on output loading. Specified values are defined with
the output open condition.
Capacitance (Ta = -25
oC, f = 1 MHz)
Note:
1.
This parameter is sampled periodically and is not 100% tested.
2.
AC measurements are assumed t
R, tF = 5 ns.
3.
Parameters tOD, tODO, tBD and tODW define the time at which the
output goes the open condition and are not output voltage
reference levels.
4.
Data cannot be retained at deep power-down standby mode.
5.
If OE# is high during the write cycle, the outputs will remain at
high impedance.
6.
During the output state of I/O signals, input signals of reverse
polarity must not be applied.
7.
If CE1# or LB#/UB# goes LOW coincident with or after WE# goes
LOW, the outputs will remain at high impedance.
8.
If CE1 or LB#/UB# goes HIGH coincident with or before WE#
goes HIGH, the outputs will remain at high impedance.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
I
IL
Input Leakage Current
V
IN = 0 V to VDD
-1.0
-
+1.0
µA
I
LO
Output Leakage Current
Output disable, V
OUT = 0 V to VDD
-1.0
-
+1.0
µA
V
OH
Output High Voltage
I
OH = -0.5 mA
2.4
-
V
V
OL
Output Low Voltage
I
OL = -1.0 mA
-
-
0.4
V
I
DDO1
Operating Current
CE1# = V
IL
CE2 = V
IH, IOUT = 0 mA
t
RC = min
-
-50
mA
I
DDO2
Page Access Operating Current
CE1# = V
IL, CE2 = VIH,
Page add. cycling
, IOUT = 0 mA
t
PC = min
--
25
mA
I
DDS
Standby Current (MOS)
CE1# = V
DD - 0.2V, CE2 = VDD - 0.2V
-
-
100
µA
I
DDSD
Deep Power-down Standby Current
CE2 = 0.2V
-
-
5
µA
Symbol
Parameter
Test Condition
Max
Unit
C
IN
Input Capitance
V
IN = GND
10
pF
C
OUT
Output Capitance
V
OUT = GND
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com