Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MONOREX-GF Datasheet(PDF) 2 Page - SIKA BUILDING TRUST

Part # MONOREX-GF
Description  Parex® MONOREX GF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

MONOREX-GF Datasheet(HTML) 2 Page - SIKA BUILDING TRUST

  MONOREX-GF Datasheet HTML 1Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 2Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 3Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 4Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Consumption
Coverage
Coverage is provided as a guidance only, excludes wastage and will vary
subject to substrate conditions and thickness applied.
USES
WEATHERPROOFING
COAT
DECORATION
Substrate
Concrete Blocks, Bricks,
etc
Concrete, base coat
renders, etc.
Scraped
1.0-1.1 m² @ 15 mm/25
kg bag
1.4-1.5 m² @ 10 mm/25
kg bag
Spray Textured
1.2-1.3 m² @ 15 mm/25
kg bag
1.6-1.7 m² @ 10 mm/25
kg bag
BASIS OF PRODUCT DATA
All technical data stated in this Product Data Sheet are
based on laboratory tests. Actual measured data may
vary due to circumstances beyond our control.
IMPORTANT CONSIDERATIONS
Product intended for professional use.
▪
It is advisable when completing the different fin-
ishes, to take into account the hardening time, which
will vary according to climatic conditions.
▪
Avoid applications on substrates exposed to direct
sun or in hot drying winds.
▪
Do not apply on over heated substrates. In hot con-
dition dampen the substrate prior to application.
Dampen the render after application.
▪
Do not apply to a frozen substrate or on thawing
substrates. Do not use in freezing conditions. Take
precautions during damp climatic conditions. Discol-
ouration could occur).
▪
Do not apply on very wet substrates or where there
are wet patches. (Discolouration could occur).
▪
Minimum application temperatures: +5 °C for light
colours, +8 °C for dark colours.
▪
Over 30 °C, special precautions must be taken.
▪
In order to reduce the risk of colour differences after
drying, always use the same batch number for the
same façade
▪
ECOLOGY, HEALTH AND SAFETY
Wear suitable protective clothing, gloves and eye /
face protection. This product contains materials which
may cause an allergic reaction, is irritating to eyes and
harmful if swallowed. In case of contact, seek medical
advice. Keep out of the reach of children.
Read and follow the guidelines in the Health and
Safety data sheet for this product.
APPLICATION INSTRUCTIONS
EQUIPMENT
EQUIPMENT REQUIRED
Application by
machine
Spray Render
Machine
Constant Mix
and Pump Ma-
chine
Pump Pressure
10-12 bar (water) 15-16 bar/360
water flow L/hr
Pumping dis-
tance/height
Up to 120 m/60
m approx
Up to 50 m/30 m
approx
Power Source
Diesel
Electric - Based
on PFT G4/G5.
Other machine
settings may dif-
fer
SUBSTRATE QUALITY / PRE-TREATMENT
SUITABLE SUBSTRATES
Masonry and walls constructed from the following:
Ultra-lightweight, lightweight & dense aggregate
concrete blocks(1).
▪
Bricks.
▪
Clay blocks e.g. Porotherm(1)
▪
Standard low and normal density lightweight aircrete
blocks.
▪
Breeze blocks (clinker)(1).
▪
Stone/rubble stone.
▪
Shuttered concrete(1).
▪
Expanded clay insulation blocks(1).
▪
Clean, sound, well adhered existing render.
▪
Base coats conforming to BS EN 13914-1
▪
PAREX grey weather resistant base coats, e.g.
MONOGRIS E, PARMUREX or TRADIREX.
▪
Dry-stacked inter-locking modular wall units e.g. Dur-
isol recycled timber blocks. Durisol with MONOREX
GF is NHBC approved for single skin external wall
construction.
▪
For below dpc applications and old substrates in ac-
cordance with BS8000 - 4 Code of Practice for Water-
proofing, consult Parex.
▪
(1) These substrates will require a suction control coat
of MICRO GOBETIS 3000
UNSUITABLE FOR
Weak mortar or plaster (Gypsum) coated construc-
tions.
▪
Exposed vertical substrates with a backward incline
above 10 ° - a backward incline may affect water run
off and may have a tendency to hold moisture.
▪
Painted substrates - Unless treated with PARINTER.
Contact Parex.
▪
SUBSTRATE PREPARATION
Substrates must be clean, sound, dust-free and free
of any material which may prevent adhesion.
▪
Product Data Sheet
Parex® MONOREX GF
December 2021, Version 01.01
021810200000000006
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com