Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MONOREX-GF Datasheet(PDF) 3 Page - SIKA BUILDING TRUST

Part # MONOREX-GF
Description  Parex® MONOREX GF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

MONOREX-GF Datasheet(HTML) 3 Page - SIKA BUILDING TRUST

  MONOREX-GF Datasheet HTML 1Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 2Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 3Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 4Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Remove all traces of plaster, paint, etc.
▪
Construction of the masonry must comply with BS
8000-3.
▪
On low suction substrates e.g. shuttered concrete or
high suction substrates e.g. lightweight aircrete or
clay blockwork, first apply a coat of ready-to use MI-
CRO GOBETIS 3000 or a MONOREX GF key- coat
made up by adding 0.5 L of 751 LANKOLATEX to the
mixing water volume for a 25 kg bag of MONOREX
GF.
▪
On wet or wet patchy substrates or where different
materials have been used it is advisable to apply a
key coat made up by exchanging 0.5 L of water for
0.5 L of 751 LANKOLATEX or FIXOPIERRE for the mix-
ing volume for a 25 kg bag of MONOREX GF. Allow
the key coat to fully dry a minimum of 48 hours be-
fore the application of the next coat. This suggestion
will assist against the effect of ‘block ghosting’ and
shade variation.
▪
TV10 MESH may also be required, dependent upon
substrate condition and project specification.
▪
Advisory note
Due to shrinkage differentials, avoid applying a thin
base coat and a thicker top coat application as the
shrinkage values of a thicker top coat could cause
the render to delaminate from the base coat. The
same effect is also caused by applying a very hard
render over a softer base coat.
▪
Always refer to the RAREX® mesh application details.
▪
To avoid shade variations always apply and finish the
render application to whole elevations at the same
time.
▪
APPLICATION
Refer to and comply with the Substrate Preparation
first.
▪
For very severe wind driven rain index locations, high
exposure or coastal zones please contact PAREX® for
additional guidance as the render thickness may
need to be increased and additional surface treat-
ment may be recommended.
▪
SUITABLE FOR
Machine or manual applications.
▪
Ensure the product is mixed correctly with the cor-
rect water content and do not allow the render to
cure too quickly as surface holes in the render could
occur.
▪
FOR WEATHERPROOFING APPLICATIONS TO CON-
CRETE BLOCKS, CLAY BLOCKS, LIGHTWEIGHT AIRCRETE
BLOCKS, BRICKS, ETC.
SPRAY TEXTURED & SMOOTH SPRAY TEXTURED
Apply a level, compact minimum 13 - 15 mm thick
first coat. Allow to dry and then spray the Textured
finish. The Smooth Textured appearance is obtained
by pressing a plastic or stainless-steel float over the
stiffened but not dry Textured finish.
▪
SCRAPED FINISH
Apply a level, ruled compact 18 mm thick coat, level
the surface with a straight edge, spatula or trowel
flat. Allow to dry (3-16 hours) and depending on the
substrate and drying conditions, scrape the surface
in small circular motions using a scraping tool, re-
moving no more than 3 mm from the surface.
▪
This scraping process must remove any slight imper-
fections and bring the application to the specified
finished thickness. Each elevation must be scraped at
the same stage, as early scraping will result in a
slightly darker shade and later scraping in a lighter
shade.The minimum finished thickness after scraping
is 15 mm.
▪
After scraping, any dust on the surface should be re-
moved by brushing with a clean soft bristle brush. Al-
ways stand back and examine the whole surface for
blemishes and unevenness. Errors must be corrected
at this stage as rectification later is not practical.
▪
FOR DECORATING WATERPROOF CONCRETE AND MA-
SONRY SUBSTRATES, I.E. COVERED WITH AN EXISTING
SOUND AND WEATHERPROOF RENDER.
SPRAY TEXTURED & SMOOTH SPRAY TEXTURED
Apply a level, ruled, lined, compact minimum 5 mm-
thick first coat. Allow to dry and then spray the Tex-
tured coat. The Smooth Textured appearance is ob-
tained by pressing a plastic or stainless-steel float
over the stiffened but not dry Textured coat.
▪
SCRAPED FINISH
Apply a level, ruled compact 13 mm thick coat, level
the surface with a straight edge, spatula or trowel
flat. Allow to dry (3-16 hours) and depending on the
substrate and drying conditions, scrape the surface
in small circular motions using a scraping tool, re-
moving no more than 3 mm from the surface.
▪
LOCAL RESTRICTIONS
Please note that as a result of specific local regulations
the declared data for this product may vary from
country to country. Please consult the local Product
Data Sheet for the exact product data.
LEGAL NOTES
The information, and, in particular, the recommenda-
tions relating to the application and end-use of Sika
products, are given in good faith based on Sika's cur-
rent knowledge and experience of the products when
properly stored, handled and applied under normal
conditions in accordance with Sika's recommenda-
tions. In practice, the differences in materials, sub-
strates and actual site conditions are such that no war-
ranty in respect of merchantability or of fitness for a
particular purpose, nor any liability arising out of any
legal relationship whatsoever, can be inferred either
Product Data Sheet
Parex® MONOREX GF
December 2021, Version 01.01
021810200000000006
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com