Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2AB Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # RS2AB
Description  Surface Mount Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

RS2AB Datasheet(HTML) 1 Page - UN Semiconducctor INC

  RS2AB Datasheet HTML 1Page - UN Semiconducctor INC RS2AB Datasheet HTML 2Page - UN Semiconducctor INC RS2AB Datasheet HTML 3Page - UN Semiconducctor INC RS2AB Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS2AB~RS2MB
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Surface Mount Fast Recovery Rectifiers
Features
Mechanical Data
For surface mounted applications
Low profile package
Glass passivated chip junction
Easy to pick and place
Fast reverse recovery time
Lead free in comply with EU RoHS 2011/65/EU directives
Case: SMB
Quantity Per Reel : 3,000pcs
Approx. Weight : 0.095g / 0.003oz
Terminals: Solderable per MIL-STD-750, Method 2026
1:Cathode
2:Anode
Parameter
Symbol RS2AB RS2BB RS2DB RS2GB RS2JB RS2KB RS2MB Units
VRRM
VRMS
VDC
IF(AV)
VF
IR
IR
Cj
trr
R
θJA
R
θJC
TJ,Tstg
V
V
V
A
V
pF
nS
℃/
W
℃/
W
℃
Ta=25℃
Ta=125℃
(
1)
Note:(1) Measured with IF=0.5A, IR=1A, Irr=0.25A.
(2) P.C.B. mounted with 2.0" X 2.0" (5 X 5cm) copper pad areas.
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Forward Voltage at 2A
Typical Junction Capacitance at VR=4V, f=1MHz
Maximum Reverse Recovery Time
Operating and Storage Temperature Range
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
SMB
Peak Forward Surge Current,8.3ms Single
Half Sine-wave Superimposed on Rated Load
Maximum DC Reverse Current
at Rated DC Reverse Voltage
(
2)
IFSM
A
2.0
60
1.3
5.0
100
250
500
150
-55 ~ +150
60
20
28
μA
Typical Thermal Resistance
2
1
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.


Similar Part No. - RS2AB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
RS2AB PACELEADER-RS2AB Datasheet
133Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
RS2AB TAYCHIPST-RS2AB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
RS2AB SUNMATE-RS2AB Datasheet
427Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Leshan Radio Company
RS2ABF LRC-RS2ABF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results

Similar Description - RS2AB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com