Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2AB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # RS2AB
Description  Surface Mount Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

RS2AB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  RS2AB Datasheet HTML 1Page - UN Semiconducctor INC RS2AB Datasheet HTML 2Page - UN Semiconducctor INC RS2AB Datasheet HTML 3Page - UN Semiconducctor INC RS2AB Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
RS2AB~RS2MB
Surface Mount Fast Recovery Rectifiers
Electrical Characteristics Curves
Fig. 2 Typical Reverse Characteristics
Fig.1 Maximum Average Forward Current Rating
Fig. 4 Typical Junction Capacitance
Fig.3 Typical Instaneous Forward Characteristics
Fig.5 Maximum Non-Repetitive Peak Forward
Surage Current
0.5
1.0
1.5
2.0
2.5
3.0
0
0
25
50
75
100
125
150
175
Case Temperature (°C)
Single phase half-wave 60 Hz
resistive or inductive load
0.1
1.0
10
100
20
40
60
80
100
120
0
140
Percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
0.5
1.0
1.5
2.0
2.5
0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°
C
pulse with 300μs
1% duty cycle
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
T =25
J
°
C
f = 1.0MHz
Vsig = 50mVp-p
10
20
30
40
50
60
0
10
100
Number of Cycles
1
8.3 ms Single Half Sine Wave
(JEDEC Method)
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com