Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124RPFS Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 124RPFS
Description  Low-Power Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

124RPFS Datasheet(HTML) 3 Page - Maxwell Technologies

  124RPFS Datasheet HTML 1Page - Maxwell Technologies 124RPFS Datasheet HTML 2Page - Maxwell Technologies 124RPFS Datasheet HTML 3Page - Maxwell Technologies 124RPFS Datasheet HTML 4Page - Maxwell Technologies 124RPFS Datasheet HTML 5Page - Maxwell Technologies 124RPFS Datasheet HTML 6Page - Maxwell Technologies 124RPFS Datasheet HTML 7Page - Maxwell Technologies 124RPFS Datasheet HTML 8Page - Maxwell Technologies 124RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
124
3
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Low-Power Quad Operational Amplifier
04.02.02 Rev 5
TABLE 4. 124 ELECTRICAL CHARACTERISTICS
(V+ = 5.0V, T
A = -55 TO +125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Supply Current
I
CC
Over Full Temperature Range
RL =
∞ On All Op Amps
V+ = 30V
V+ = 5V
1, 2, 3
1.5
0.7
3
1.2
mA
Common-Mode Rejection Ratio
CMRR
DC, V
CM = 0V to V+ -1.5V,
T
A = 25°C
170
85
dB
Power Supply Rejection Ratio
PSRR
V+ = 5V to 30V
T
A = 25°C
1
65
100
dB
Amplifier-to-Amplifier Coupling1
1. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can
be detected as this type of capacitance increases at higher frequencies.
f = 1 kHz to 20 kHz, T
A = 25°C
(Input Referred)
1
-120
dB
Short Circuit to Ground 2
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum
output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits
can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifi-
ers.
I
OS
V+ = 15V, TA = 25°C
1
40
mA
Input Offset Voltage 3
3. VO@1.4V, RS=0
Ω with V+ from 5V to 30V; and over the full input common-mode range (0V to V+ -1.5V).
V
IO
1, 2, 3
7
mV
Input Offset Voltage Drift
R
S = 0Ω
1, 2, 3
7
µV/°C
Input Offset Current
I
OS
I
IN(+)-IIN(-), VCM = 0V
1, 2, 3
---
--
100
nA
Input Offset Current Drift
R
S = 0Ω
1, 2, 3
---
10
--
pA/°C
Input Bias Current
lib
I
IN(+) or IIN(-)
1, 2, 3
---
40
300
nA
Input Common-Mode Voltage
Range4
4. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The upper end of
the common-mode voltage range is V+ -1.5V (at 25°C), but either or both inputs can go to +32V without damage independent of the magnitude of
V+.
V+ = +30V
1, 2, 3
0
V+ -2
V
Large Signal Voltage Gain
A
VS
V+ = +15V
(V
O Swing = 1V to 11V)
RL> 2 K
Ω
1, 2, 3
25
V/mV
Output Voltage Swing
V
OH
V+ = 30V, R
L = 2 kΩ
R
L = 10 kΩ
1, 2, 3
26
27
28
V
V
OL
V+ = 5V, R
L = 10 kΩ
1, 2, 3
5
20
mV
Output Current
Source
VO = 2V, V
IN
+
= +1V
V
IN
-
= 0V
V+ = 15V
V
IN
+
= +1V
V
IN
-
= 0V
V+ = 15V
1, 2, 3
20
mA
Sink
1, 2, 3
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com