Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 124RPFS
Description  Low-Power Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

124RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  124RPFS Datasheet HTML 1Page - Maxwell Technologies 124RPFS Datasheet HTML 2Page - Maxwell Technologies 124RPFS Datasheet HTML 3Page - Maxwell Technologies 124RPFS Datasheet HTML 4Page - Maxwell Technologies 124RPFS Datasheet HTML 5Page - Maxwell Technologies 124RPFS Datasheet HTML 6Page - Maxwell Technologies 124RPFS Datasheet HTML 7Page - Maxwell Technologies 124RPFS Datasheet HTML 8Page - Maxwell Technologies 124RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
Low-Power Quad
Operational Amplifier
©2002 Maxwell Technologies
All rights reserved.
124
04.02.02 Rev 5
FEATURES:
•RAD-PAK® technology-hardened against natural space radi-
ation
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
• - SELTH LET = > 90 MeV/mg/cm2
• Package: -14 pin Rad-Pak® flat pack
• Internally frequency compensated for unity gain
• Large DC voltage gain
• Wide bandwidth (unity gain): 1 MHz
• Large output voltage swing 0V to V+ -1.5V
• Input common - mode voltage range includes ground
• Wide power supply range:
- Single supply 3V to 32V
- Dual supply ±1.5V to ±16V
• Very low current drain (essentially independent of supply
voltage): 700 uA
• Low input biasing current: 45 nA
• Low input offset voltage and current: 2mV, 5nA
• Differential input voltage range equal to the power supply
voltage
DESCRIPTION:
Maxwell Technologies’s 124 independent, high gain, internally
frequency compensated operational amplifiers feature a
greater than 100 krad (Si) total dose tolerance, depending
upon space mission. Using Maxwell’s radiation-hardened
Rad-Pak® packaging technology, the 124 is designed specifi-
cally to operate from a single power supply over a wide range
of voltages. The 124 also features operation from split power
supplies, and the low power supply current drain is indepen-
dent of the magnitude of the power supply voltage.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 124RPFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
124 ETC2-124 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
367Kb / 2P
High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
logo
Alpha Wire
124 ALPHAWIRE-124 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
124 ALPHAWIRE-124 Datasheet
99Kb / 4P
Customer SpecificationS
12/2/2022
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
512Kb / 2P
High Current Cartridge Fuse Clips
08/09/22
More results

Similar Description - 124RPFS

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com