Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB100RWAF Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29SL400CB100RWAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB100RWAF Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29SL400CB100RWAF Datasheet HTML 19Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 20Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 21Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 22Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 23Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 24Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 25Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 26Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
21
D A TA
SH EE T
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has ex-
ceeded a specified internal pulse count limit. Under these
conditions DQ5 produces a 1. This is a failure condition that
indicates the program or erase cycle was not successfully
completed.
The DQ5 failure condition may appear if the system tries to
program a 1 to a location that is previously programmed to
“0.” Only an erase operation can change a 0 back to a 1.
Under this condition, the device halts the operation, and
when the operation has exceeded the timing limits, DQ5 pro-
duces a 1.
Under both these conditions, the system must issue the
reset command to return the device to reading array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system
may read DQ3 to determine whether or not an erase opera-
tion has begun. (The sector erase timer does not apply to
the chip erase command.) If additional sectors are selected
for erasure, the entire time-out also applies after each addi-
tional sector erase command. When the time-out is com-
plete, DQ3 switches from 0 to 1. If the time between
additional sector erase commands from the system can be
assumed to be less than 50 µs, the system need not monitor
DQ3. See also Sector Erase Command Sequence‚ on
page 16.
After the sector erase command sequence is written, the
system should read the status on DQ7 (Data# Polling) or
DQ6 (Toggle Bit I) to ensure the device has accepted the
command sequence, and then read DQ3. If DQ3 is 1, the in-
ternally controlled erase cycle has begun; all further com-
mands (other than Erase Suspend) are ignored until the
erase operation is complete. If DQ3 is 1, the device will ac-
cept additional sector erase commands. To ensure the com-
mand has been accepted, the system software should check
the status of DQ3 prior to and following each subsequent
sector erase command. If DQ3 is high on the second status
check, the last command might not have been accepted.
Table 6 on page 22 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1.
Read toggle bit twice to determine whether or not it is toggling.
See text.
2.
Recheck toggle bit because it may stop toggling as DQ5
changes to 1. See text.
Figure 6.
Toggle Bit Algorithm
(Notes
1, 2)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com