Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL400CB100RWAF Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29SL400CB100RWAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB100RWAF Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29SL400CB100RWAF Datasheet HTML 21Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 22Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 23Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 24Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 25Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 26Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 27Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 28Page - Advanced Micro Devices AM29SL400CB100RWAF Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
23
D A TA
SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
A9, OE#,
and RESET# (Note 2) . . . . . . . . . . . . . . . .–0.5 V to +11.0 V
All other pins (Note 1) . . . . . . . . . . . . . –0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3) . . . . . . . . . . . 100 mA
Notes:
1.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage
transitions, input or I/O pins may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 7. Maximum DC voltage on
input or I/O pins is VCC +0.5 V. During voltage transitions, input
or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns.
See Figure 8.
2.
Minimum DC input voltage on pins A9, OE#, and RESET# is –0.5
V. During voltage transitions, A9, OE#, and RESET# may
overshoot VSS to –2.0 V for periods of up to 20 ns. See.
Maximum DC input voltage on pin A9 is +11.0 V which may
overshoot to 12.5 V for periods up to 20 ns.
3.
No more than one output may be shorted to ground at a time.
Duration of the short circuit should not be greater than one
second.
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating
conditions for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . –40°C to +85°C
VCC Supply Voltages
VCC for full voltage range . . . . . . . . . . . . . +1.65 V to +2.2 V
VCC for regulated voltage range. . . . . . . . +1.70 V to +2.2 V
Note: Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
20 ns
20 ns
0.0 V
–0.5 V
20 ns
–2.0 V
Figure 7.
Maximum Negative Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 8.
Maximum Positive Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com