Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPL Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # SPPL
Description  Platinum-Rhodium-Single Fine-Diameter Thermocouple Wire for High-Temperature Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SPPL Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  SPPL Datasheet HTML 1Page - Omega Engineering, Inc. SPPL Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H-13
Platinum-Rhodium-Single
Fine-Diameter Thermocouple Wire
for High-Temperature Applications
U
Types S, R, and B
U
Type R and S Temperature
Ranges from
1398 to 1482°C
(2550 to 2700°F)
U
Type B is Rated
for Continuous Use
Up to 1704°C (3100°F)
High
Accuracy!
Note: Published prices are based on market value at time of printing and are subject to
change due to Nickel surcharges, Chromium and precious-metal market fluctuations.
Uninsulated Noble Metal Thermocouple Wire
To Order
Nom
Nom
Wire Dia.
Wire Dia.
Material mm (inch) Model No.
Material mm (inch) Model No.
0.03 (0.001)
SPPL-001
0.03 (0.001)
SP13RH-001
0.05 (0.002)
SPPL-002
0.05 (0.002)
SP13RH-002
0.08 (0.003)
SPPL-003
0.08 (0.003)
SP13RH-003
0.13 (0.005)
SPPL-005
0.13 (0.005)
SP13RH-005
Platinum
0.20 (0.008)
SPPL-008
Platinum 0.20 (0.008)
SP13RH-008
(RN, SN) 0.25 (0.010)
SPPL-010
13% Rh
0.25 (0.010)
SP13RH-010
0.38 (0.015)
SPPL-015
(RP)
0.38 (0.015)
SP13RH-015
0.51 (0.020)
SPPL-020
0.51 (0.020)
SP13RH-020
0.64 (0.025)
SPPL-025
0.64 (0.025)
SP13RH-025
0.81 (0.032)
SPPL-032
0.81 (0.032)
SP13RH-032
0.03 (0.001)
SP10RH-001
0.20 (0.008)
SP6RH-008
0.05 (0.002)
SP10RH-002 Platinum 0.25 (0.010) SP6RH-010
0.08 (0.003)
SP10RH-003
6% Rh
0.38 (0.015)
SP6RH-015
0.13 (0.005)
SP10RH-005
(BN)
0.51 (0.020)
SP6RH-020
Platinum
0.20 (0.008)
SP10RH-008
0.81 (0.032)
SP6RH-032
10% Rh
0.25 (0.010)
SP10RH-010
0.20 (0.008)
SP30RH-008
(SP)
0.38 (0.015)
SP10RH-015 Platinum 0.25 (0.010) SP30RH-010
0.51 (0.020)
SP10RH-020
30% Rh
0.38 (0.015)
SP30RH-015
0.64 (0.025)
SP10RH-025
(BP)
0.51 (0.020)
SP30RH-020
0.81 (0.032)
SP10RH-032
0.81 (0.032)
SP30RH-032
Note: Metric dimensions are approximate.
Ordering Example: 100" of SP13RH-005, 0.005" Dia. Platinum 13% Rh wire.
Insulated Duplex Extension Grade Wire
Thermocouple
Model
Temp
Maximum
Material
Used With
AWG
Number
°C
°F
24
EXTT-RS-24
200
392
Cu-Alloy 11
R and S
24
EXGG-RS-24
200
392
20
EXTT-RS-20
200
392
26
EXTT-B-26S
100
212
Cu-Cu
B
24
EXPP-B-24S
100
212
20
EXGG-B-20
100
212
Gold and CHROMEGA®
Thermocouples and Wire
PFA Insulated Gold-0.07
Atomic% Fe Wire (Negative)
Model Number
Dia. mm (inch)
TFAU.07FE-003
0.076 (0.003)
TFAU.07FE-005
0.13 (0.005)
TFAU.07FE-010
0.25 (0.010)
For high resistance to oxidation
and corrosion at high temperatures,
OMEGA offers the highest-quality
uninsulated wire for 3 types of
“noble metal” thermocouples:
Type S: Platinum (–) vs.
Platinum 10% Rhodium (+)
Type R: Platinum (–) vs.
Platinum 13% Rhodium (+)
Type B: Platinum 6% Rhodium (–) vs.
Platinum 30% Rhodium (+)
Types R and S are recommended
for continuous use in oxidizing or
inert atmospheres up to 1398°C
(2550°F) or short-term exposures
to 1482°C (2700°F). Type B is
rated for continuous use up to
1704°C (3100°F) in oxidizing or
inert atmospheres. When operating
near these maximum temperatures,
the heavier-gage wire sizes are
recommended.
All 3 thermocouple types can be
used in a vacuum for short periods.
Type B offers the greatest stability in
such applications. None should be
used in reducing atmospheres or in
atmospheres containing metallic or
non-metallic vapors unless protected
by non-metallic protection tubes.
Do not insert directly into metallic
protection tubes.
Sizes range from 0.025 to 0.812 mm
(0.001 to 0.032") diameter. When
requested, wire is supplied in matched
pairs that meet or exceed standard
limits of error. Special-limits-of-error
wire is supplied on request and must
be ordered as matched pairs.


Similar Part No. - SPPL

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
Support 6.25G CPRI application
SPPL-OR-8F-EBX-IDFF SOURCE-SPPL-OR-8F-EBX-IDFF Datasheet
177Kb / 7P
Support CPRI 3-6 application
SPPL-OR-XE-BX-IDFF SOURCE-SPPL-OR-XE-BX-IDFF Datasheet
345Kb / 7P
Support 10G Ethernet, CPRI and Fiber Channel application
SPPL-RO-8F-BX-IDFF SOURCE-SPPL-RO-8F-BX-IDFF Datasheet
174Kb / 7P
Support 6.25G CPRI application
SPPL-RO-8F-EBX-IDFF SOURCE-SPPL-RO-8F-EBX-IDFF Datasheet
174Kb / 7P
Simplex LC Connector, Bi-directional
More results

Similar Description - SPPL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
Fuji Electric
EDS2-16D FUJI-EDS2-16D Datasheet
253Kb / 4P
OPTICAL THERMOCOUPLE TEMPERATURE TRANSMITTER
logo
List of Unclassifed Man...
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
Designed for High Temperature Applications
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
Amphenol Corporation
B05 AMPHENOL-B05 Datasheet
127Kb / 4P
Small glass coated bead thermistors on fine diameter platinum alloy lead-wires
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
logo
Omega Engineering, Inc.
SPIR OMEGA-SPIR Datasheet
194Kb / 1P
Thermocouple Wire Fine Diameter Base Metal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com