Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPL Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # SPPL
Description  Platinum-Rhodium-Single Fine-Diameter Thermocouple Wire for High-Temperature Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SPPL Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  SPPL Datasheet HTML 1Page - Omega Engineering, Inc. SPPL Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H-14
H
U
Types S, R, and B
Selected to Give the
Highest Accuracy
U
Available in
Tungsten/
Tungsten-
Rhenium Alloys
Types G, C, D
Platinum-Rhodium
Matched Pair
Fine-Diameter Thermocouple
Wire for High-Temperature
Applications
Discount Schedule
1 to 24" ................... Net
25 to 99" ...................5%
100 to 249" .................7%
250 and up ................10%
High
Accuracy!
Please Visit
Us Online for
Ready-Made
Base Metal
and Noble Metal
Thermocouples
For high resistance to oxidation and
corrosion at high temperatures, OMEGA
offers the highest-quality uninsulated wire
for 3 types of “noble metal” thermocouples:
Type S: Platinum (–) vs.
Platinum 10% Rhodium (+)
Type R: Platinum (–) vs.
Platinum 13% Rhodium (+)
Type B: Platinum 6% Rhodium (–) vs.
Platinum 30% Rhodium (+)
Types R and S are recommended for
continuous use in oxidizing or inert
atmospheres up to 1398°C (2550°F) or
short-term exposures to 1482°C (2700°F).
Type B is rated for continuous use up
to 1704°C (3100°F) in oxidizing or inert
atmospheres. When operating near these
maximum temperatures, the heavier-gage
wire sizes are recommended.
All 3 thermocouple types can be used in a
vacuum for short periods. Type B offers the
greatest stability in such applications. None
should be used in reducing atmospheres or in
atmospheres containing metallic or
non-metallic vapors unless protected by
non-metallic protection tubes. Do not insert
directly into metallic protection tubes.
Sizes range from 0.03 to 0.81 mm
(0.001 to 0.032") diameter. These matched
pairs are selected to meet or exceed
standard limits of error. Reference Grade
wire is also available as matched pairs;
consult sales for price and availability.
Note: Published prices are based on market value at time of printing and are subject to
change due to Nickel surcharges, Chromium and precious-metal market fluctuations.
Order Platinum
Thermocouple
Wire as Matched
Pairs!
To Order
T/C
Wire Dia.
Type
Material
mm (inch)
Model No.
0.03 (0.001)
SP13R-001
0.05 (0.002)
SP13R-002
0.08 (0.003)
SP13R-003
Platinum
0.13 (0.005)
SP13R-005
vs
0.20 (0.008)
SP13R-008
Platinum-13%
0.25 (0.010)
SP13R-010
Rhodium
0.38 (0.015)
SP13R-015
0.51 (0.020)
SP13R-020
0.64 (0.025)
SP13R-025
0.81 (0.032)
SP13R-032
0.03 (0.001)
SP10R-001
0.05 (0.002)
SP10R-002
Platinum
0.08 (0.003)
SP10R-003
vs
0.13 (0.005)
SP10R-005
Platinum-10%
0.20 (0.008)
SP10R-008
Rhodium
0.25 (0.010)
SP10R-010
0.38 (0.015)
SP10R-015
0.51 (0.020)
SP10R-020
0.64 (0.025)
SP10R-025
0.81 (0.032)
SP10R-032
Platinum-6%
0.20 (0.008)
SP30R-008
Rhodium
0.25 (0.010)
SP30R-010
vs
0.38 (0.015)
SP30R-015
Platinum-30%
0.51 (0.020)
SP30R-020
Rhodium
0.81 (0.032)
SP30R-032
* Ordering unit of measure is double inch. A double inch is 25 mm (1") of positive
and 25 mm (1") of matching negative wire.
Ordering Example: Quantity = 100" of SP10R-010, 100" of Type S positive
and 100" of matching Type S negative wire, 0.010 Dia.
Note: Metric dimensions are approximate.
Uninsulated Matched Pair Noble Metal Thermocouple Wire



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com