Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-S-M-R-F-2 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # M12C-PVC-4-S-M-R-F-2
Description  Micro-DC Cable Assemblies For Probes, Sensors and Transmitters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

M12C-PVC-4-S-M-R-F-2 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  M12C-PVC-4-S-M-R-F-2 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
68
Shop
online at
SM
To download information and to
order online, visit omega.com/sanitary
† Field installable 4-pin M12 connector with screw type terminals.
Ordering Examples: M12C-PVC-4-R-F-5, M12C series cable assembly, right angle connection, PVC cable, 5 m (16.4') L.
M12C-PUR-4-S-F-2, M12C series cable assembly, straight connection, polyurethane cable, 2 m (6.5') L.
U
Extension Cables with M12 Female Connector
U
Gold Plated Contacts
U
PVC and Polyurethane Jacket/Insulation
U
Available in Various Lengths
U
Straight or Right Angle Connection
U
Cable Configurations Include Connector and
Stripped Lead Ends or Connectors at Both Ends
M12C-PUR-4-S-F-5
All models
shown smaller
than actual size.
To Order Visit omega.com/m12c for Pricing and Details
Cable
Model Number
Connector #1
Connector #2
Length
Insulation Jacket
M12C-PUR-4-S-F-2
Straight M12 plug
Stripped leads
2 m (6.5')
PUR
M12C-PUR-4-R-F-2
Angled M12 plug
Stripped leads
2 m (6.5')
PUR
M12C-PUR-4-S-F-5
Straight M12 plug
Stripped leads
5 m (16.4')
PUR
M12C-PUR-4-R-F-5
Angled M12 plug
Stripped leads
5 m (16.4')
PUR
M12C-PUR-4-S-F-10
Straight M12 plug
Stripped leads
10 m (32.6')
PUR
M12C-PUR-4-R-F-10
Angled M12 plug
Stripped leads
10 m (32.6')
PUR
M12C-PVC-4-S-F-5
Straight M12 plug
Stripped leads
5 m (16.4')
PVC
M12C-PVC-4-R-F-5
Angled M12 plug
Stripped leads
5 m (16.4')
PVC
M12C-PVC-4-S-F-10
Straight M12 plug
Stripped leads
10 m (32.6')
PVC
M12C-PVC-4-R-F-10
Angled M12 plug
Stripped leads
10 m (32.6')
PVC
M12C-PVC-4-S-M-R-F-2
Straight M12 plug
Angled M12 socket
2 m (6.5')
PVC
M12C-PVC-4-S-M-R-F-5
Straight M12 plug
Angled M12 socket
5 m (16.4')
PVC
M12C-PVC-4-S-M-S-F-2
Straight M12 plug
Straight M12 socket
2 m (6.5')
PVC
M12C-PVC-4-S-M-S-F-5
Straight M12 plug
Straight M12 socket
5 m (16.4')
PVC
M12-S-F-FM
Straight M12 socket - field mountable†
N/A
N/A
M12-S-M-FM
Straight M12 plug - field mountable†
N/A
N/A
M12-R-F-FM
Angled M12 socket - field mountable†
N/A
N/A
M12-R-M-FM
Angled M12 plug - field mountable†
N/A
N/A
M12C-PUR-4-R-F-5 with right
angle connector,
M12C-PVC-4-S-F-5.
M12C-PVC-4-R-F-5 with
right angle connector.
M12C-PUR-4-S-F-5.
Stripped lead
termination shown.
Micro-DC Cable Assemblies
For Probes, Sensors and Transmitters
M12C Series
Highly flexible polyurethane
cables for Automation
applications.
Rugged PVC jacketed
cables for wash-down
applications.
Nickel plated
brass nut.
316 SS nut.
Color Codes
Pin 1
Pin 2
Pin 3
Pin 4
Brown
White
Blue
Black
Field mountable
connectors.
M12-S-F-FM.
M12-R-F-FM.
Pin #2
Pin #3
Pin #1
Pin #4


Similar Part No. - M12C-PVC-4-S-M-R-F-2

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
M12C-PVC-4-S-F-5 OMEGA-M12C-PVC-4-S-F-5 Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
logo
List of Unclassifed Man...
M12C-PVC-4-S-F-5 ETC-M12C-PVC-4-S-F-5 Datasheet
499Kb / 2P
HIGH ACCURACY TRANSDUCERS micro-machined silicon with VACUUM PRESSURE RANGES
M12C-PVC-4-S-F-5 ETC-M12C-PVC-4-S-F-5 Datasheet
567Kb / 2P
HIGH ACCURACY TRANSDUCERS micro-machined silicon FOR BAROMETRIC PRESSURE MEASUREMENT
More results

Similar Description - M12C-PVC-4-S-M-R-F-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79516-1021 MOLEX-79516-1021 Datasheet
326Kb / 2P
Micro-Fit 3.0??Overmolded Cable Assemblies
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
ITTUP100A CYNERGY3-ITTUP100A Datasheet
112Kb / 1P
Programmable Temperature Probes - 1/4 NPT -Thermocouple and PT100 Assemblies
logo
Carlo Gavazzi Holding A...
CLH CARLOGAVAZZI-CLH Datasheet
152Kb / 2P
Conductive Sensors Level Probes
08.04.2011
logo
Omega Engineering, Inc.
DM12CAB OMEGA-DM12CAB Datasheet
172Kb / 1P
Dual M12 Cables for Sensors and Transmitters
M12CM-RTD OMEGA-M12CM-RTD Datasheet
291Kb / 1P
High Temperature M12 Extension Cables For Probes, Sensors and Transmitters
logo
STI Vibration Monitorin...
CMCP603C STI-CMCP603C Datasheet
404Kb / 2P
CMCP603C Series M8 Eurostyle Cable Assemblies for 3 Pin Sensors
06/18/2021
CMCP605 STI-CMCP605 Datasheet
518Kb / 2P
M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors
03/18/2022
CMCP608 STI-CMCP608 Datasheet
317Kb / 2P
M12 Eurofast Cable Assemblies for 8 Pin Sensors
11/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com