Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP608 Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP608 Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP608
Download  CMCP608 Download
File Size   317.42 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description M12 Eurofast Cable Assemblies for 8 Pin Sensors

CMCP608 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP608 Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP608
Download  CMCP608 Click to download

File Size   317.42 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description M12 Eurofast Cable Assemblies for 8 Pin Sensors

CMCP608 Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP608 Product details

Features:
 M12 A-Coded 8 Socket Molded Connector
 Straight Cable Exit
 Halogen Free Cable
 IP69K Environmental Rating
 -25 to 120°C Temperature Rating
 Stainless Steel Lock Nut
 Black, PUR Jacketed Cable
 Low Profile Mold
 24AWG Industry Standard Color-Coded Wires
 UV and Oil Resistant Cable




Similar Part No. - CMCP608

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP600C-K STI-CMCP600C-K Datasheet
390Kb / 1P
CMCP600C-K Connector Installation Kit
CMCP602A STI-CMCP602A Datasheet
415Kb / 2P
CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
9/9/2022
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602HST STI-CMCP602HST Datasheet
470Kb / 2P
High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
More results


Similar Description - CMCP608

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CTMD3P-3P1SAO1500 YAMAICHI-CTMD3P-3P1SAO1500 Datasheet
45Kb / 1P
Cable Assemblies for Standard MiniDIN
logo
ERNI Electronics
324227 ERNI-324227 Datasheet
33Kb / 1P
M12 8 pin / M12 m 8 pin
logo
List of Unclassifed Man...
V1-W-2M-PVC ETC2-V1-W-2M-PVC Datasheet
63Kb / 1P
Cable socket, M12, 4-pin, PVC cable
logo
TE Connectivity Ltd
3-1773983-2 TEC-3-1773983-2 Datasheet
2Mb / 28P
M8/M12 CABLE ASSEMBLIES
logo
Bel Fuse Inc.
BM-MARM003F BEL-BM-MARM003F Datasheet
393Kb / 2P
M12 X-Code Cable Assemblies
logo
Molex Electronics Ltd.
2002183500 MOLEX-2002183500 Datasheet
38Kb / 1P
Cable Prep Tool for Sealed FAKRA RG58 Pin and Receptacle Assemblies
11/02/2021
logo
Advantech Co., Ltd.
BB-WSCAM12-6 ADVANTECH-BB-WSCAM12-6 Datasheet
678Kb / 1P
M12, 8-pin, Wire Harness Cable
logo
Omega Engineering, Inc.
M12C OMEGA-M12C Datasheet
353Kb / 1P
Micro-DC Cable Assemblies For Probes, Sensors and Transmitters
logo
STI Vibration Monitorin...
CMCP603C STI-CMCP603C Datasheet
404Kb / 2P
CMCP603C Series M8 Eurostyle Cable Assemblies for 3 Pin Sensors
06/18/2021
CMCP605 STI-CMCP605 Datasheet
518Kb / 2P
M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors
03/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com