Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6521 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6521 Datasheet HTML 1Page - Intersil Corporation HIP6521 Datasheet HTML 2Page - Intersil Corporation HIP6521 Datasheet HTML 3Page - Intersil Corporation HIP6521 Datasheet HTML 4Page - Intersil Corporation HIP6521 Datasheet HTML 5Page - Intersil Corporation HIP6521 Datasheet HTML 6Page - Intersil Corporation HIP6521 Datasheet HTML 7Page - Intersil Corporation HIP6521 Datasheet HTML 8Page - Intersil Corporation HIP6521 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN4837.5
October 16, 2006
Simplified Power System Diagram
Typical Application
PWM
+5VDUAL
VOUT1
Q1
Q2
Q3
VOUT2
Q4
VOUT3
VOUT4
LINEAR
LINEAR
LINEAR
HIP6521
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
+3.3VIN
Q5
+5VSB (+5VDUAL)
+
+
+
+
GND
VCC
+5VDUAL
+5VSB
VOUT1
PGND
LGATE
UGATE
OCSET
PHASE
Q1
Q2
FB
COMP
2.5V
DRIVE2
Q3
FB2
DRIVE3
FB3
FB4
COUT4
1.8V
1.5V
COUT3
COUT2
CIN
COUT1
Q4
LOUT1
HIP6521
VOUT2
VOUT3
VOUT4
2.5V
Q5
+3.3VIN
LIN
DRIVE4
CBOOT
BOOT
Rs1
Rs2
Rs3
Rs4
Rp1
Rp2
Rp3
Rp4
CR1
+
+
+
+
+3.3VDUAL
+
HIP6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com