Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6521 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6521 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP6521 Datasheet HTML 5Page - Intersil Corporation HIP6521 Datasheet HTML 6Page - Intersil Corporation HIP6521 Datasheet HTML 7Page - Intersil Corporation HIP6521 Datasheet HTML 8Page - Intersil Corporation HIP6521 Datasheet HTML 9Page - Intersil Corporation HIP6521 Datasheet HTML 10Page - Intersil Corporation HIP6521 Datasheet HTML 11Page - Intersil Corporation HIP6521 Datasheet HTML 12Page - Intersil Corporation HIP6521 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
FN4837.5
October 16, 2006
HIP6521 DC/DC Converter Application Circuit
Figure 9 shows an application circuit of a power supply for a
microprocessor computer system. The power supply provides
the system memory voltage (VOUT1), the AGP bus voltage
(VOUT4), the clock voltage (VOUT2), and the chip set core
voltage (VOUT3) from +5VDUAL. For detailed information on
the circuit, including a Bill-of-Materials and circuit board
description, see Application Note AN9908. Also see Intersil’s
web page (www.intersil.com) for the latest information.
GND
VCC
+5VDUAL
PGND
LGATE
UGATE
OCSET
PHASE
FB
COMP
VOUT2
FB2
DRIVE2
Q3
DRIVE3
FB3
DRIVE4
C16
VOUT3
VOUT4
C13
C9-12
HIP6521
Q4
L2
+
+
+
+
C4
L1
C1-3
C6
C5
R1
VOUT1
R6
C14
C15
1000
µF
1000
µF
C8
330
µF
1.2
µH
3x1200
µF
1
µF
1
µF
1000pF
4x1000
µF
2
.5µH
10pF
22nF
1.50K
GND
(2.5V)
(1.8V)
(1.5V)
FB4
+3.3VIN
R8
698
R7
45.3K
12K
Q5
U1
1
2
13
14
5
15
16
4
3
12
9
10
6
8
11
(2.5V)
FIGURE 9. POWER SUPPLY APPLICATION CIRCUIT FOR A MICROPROCESSOR COMPUTER SYSTEM
Q1,2
HUF76129D3S
+3.3VDUAL
FZT649
2SD1802
2SD1802
+
R3
R2
5.90K
12.7K
R5
R4
9.09K
7.15K
R10
R9
7.50K
8.45K
BOOT
7
C7
0.47
µF
D1
MA732
S3
S5
To FB2
To FB4
To OCSET
HIP6521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com