Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AB Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # US2AB
Description  Surface Mount Ultrafast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

US2AB Datasheet(HTML) 1 Page - UN Semiconducctor INC

  US2AB Datasheet HTML 1Page - UN Semiconducctor INC US2AB Datasheet HTML 2Page - UN Semiconducctor INC US2AB Datasheet HTML 3Page - UN Semiconducctor INC US2AB Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2AB~US2MB
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
Maximum Ratings and Electrical characteristics
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Surface Mount Ultrafast Recovery Rectifier
Features
Mechanical Data
For surface mounted applications
Low Profile Package
High efficiency
Lead free in Comply with EU RoHS 2011/65/EU directives
Glass passivated chip junction
Easy to Pick and Place
Case: SMB
Quantity Per Reel : 3,000pcs
Approx. Weight: 0.095g / 0.003oz
Terminals: Solderable per MIL-STD-750, Method 2026
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
Parameter
Symbol
Units
US2AB US2BB U22DB US2GB US2JB US2KB US2MB
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage at 2A
Maximum Reverse Recovery Time
VRRM
VRRS
VDC
IF(AV)
IFSM
VF
IR
IR
trr
R
θJA
R
θJC
TJ,Tstg
V
V
V
A
A
V
μA
μA
ns
℃/
W
℃/
W
℃
Peak Forward Surge Current 8.3ms Single
Half Sine Wave Superimposed on Rated Load
Maximum Average Forward Rectified Current
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Ta=25℃
Ta=125℃
Typical Thermal Resistance
(
1)
(
2)
Note:(1)Measured with IF=0.5A, IR=1A, Irr=0.25A
(2) P.C.B. mounted with 2.0" X 2.0" (5 X 5cm) copper pad areas.
Operating and Storage Temperature Range
50
100
100
70
200
200
140
400
280
400
600
700
800
1000
560
420
600
50
50
-55 ~ +150
20
60
75
100
5.0
1.65
1.3
1.0
2.0
800
1000
35
50
1:Cathode
2:Anode
SMB
2
1


Similar Part No. - US2AB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
US2AB SUNMATE-US2AB Datasheet
558Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Shanghai Yint Electroni...
US2AB YINT-US2AB Datasheet
462Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
AiT Semiconductor Inc.
US2AB AITSEMI-US2AB Datasheet
244Kb / 5P
ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - US2AB

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AF YFWDIODE-US2AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW YFWDIODE-US2AW Datasheet
83Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AF-SMAF YFWDIODE-US2AF-SMAF Datasheet
419Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW-SOD123FL YFWDIODE-US2AW-SOD123FL Datasheet
420Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
US3AF YINT-US3AF Datasheet
469Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US5ABF YINT-US5ABF Datasheet
473Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
UF3X HORNBY-UF3X Datasheet
280Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5ABF YFWDIODE-US5ABF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US1AW SKTECHNOLGY-US1AW Datasheet
828Kb / 4P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AG SKTECHNOLGY-US2AG Datasheet
552Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com