Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0301 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CFB0301
Description  High Dynamic Range Low Noise GaAs FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0301 Datasheet(HTML) 2 Page - Mimix Broadband

  CFB0301 Datasheet HTML 1Page - Mimix Broadband CFB0301 Datasheet HTML 2Page - Mimix Broadband CFB0301 Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Dynamic Range
Low Noise GaAs FET
Page 2 of 3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CFB0301
August 2006 - Rev 03-Aug-06
Typical Noise Parameters (Vds = 4 V, Ids = 30 mA)
Frequency
Fmin
1
Gamma Opt
(GHz)
(dB)
Mag
Ang
Rn/50
0.8
0.4
0.6
27
0.19
1.0
0.4
0.6
29
0.17
1.2
0.4
0.6
32
0.18
1.4
0.4
0.6
35
0.18
1.6
0.4
0.5
38
0.17
1.8
0.4
0.5
41
0.16
2.0
0.5
0.5
45
0.15
2.2
0.5
0.5
49
0.15
2.4
0.5
0.5
54
0.14
2.6
0.5
0.5
60
0.13
Absolute Maximum Ratings
Parameter
Symbol
Rating
Drain-Source Voltage
Vds
+8V
Gate-Source Voltage
Vgs
-5V
Drain Current
Ids
Idss
Continuous Dissipation1
Pt
750 mW
Channel Temperature
Tch
175°C
Storage Temperature
Tstg
-65°C to +150°C
Typical Scattering Parameters (TA = 25°C, VDS = 2 V, IDS = 25 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag (dB)
Ang
MAG (dB)
ANG
MAG
ANG
0.5
0.98
-20
7.17
161
0.02
78
0.42
-11
1.0
0.94
-40
6.90
148
0.03
70
0.41
-24
2.0
0.85
-76
6.00
119
0.05
52
0.36
-46
3.0
0.76
-108
5.00
95
0.07
38
0.32
-65
4.0
0.70
-130
4.30
75
0.08
30
0.30
-75
5.0
0.64
-150
3.83
55
0.09
20
0.27
-85
Optimum Noise Figure and Associated Gain
vs Frequency Vds = 2V, Ids = 25 mA
Frequency (GHz)
24
6
810
12
Noise Figure
Associated Gain
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0
Optimum Noise Figure vs I ds & Vds
Frequency = 2 GHz
Ids (mA)
10
20
30
40
50
60
70
4V
2V
0.0
0.5
1.0
1.5
2.0
2.5
Ids (mA)
Associated Gain vs Ids
Vds = 2V, Frequency = 2 GHz
10
20
30
40
50
60
70
15
20
25
10
5
0
Typical Performance
Note: 1. Fmin values reflect the circuit losses in the test fixture when
matched to optimum noise figure.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com