Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFB0301 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CFB0301
Description  High Dynamic Range Low Noise GaAs FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFB0301 Datasheet(HTML) 3 Page - Mimix Broadband

  CFB0301 Datasheet HTML 1Page - Mimix Broadband CFB0301 Datasheet HTML 2Page - Mimix Broadband CFB0301 Datasheet HTML 3Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Dynamic Range
Low Noise GaAs FET
Page 3 of 3
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CFB0301
August 2006 - Rev 03-Aug-06
Ordering Information
The CFB0301GaAs FET is available in tape and reel. An evaluation board is also available. Ordering part numbers are listed.
Part Number for Ordering
Function
Package
e
g
a
k
c
a
p
l
i
m
0
7
T
E
F
e
g
n
a
r
c
i
m
a
n
y
d
h
g
i
h
e
s
i
o
N
-
w
o
L
1
0
3
0
B
F
C
CFB0301-000T
Low-Noise high dynamic range FET
70 mil package in tape and reel
PB-CFB0301
Evaluation Board
Test Circuit
Evaluation Board Schematic
Evaluation Board Substrate:
ER = 4.65
Thickness = 0.036
Transmission Lines (Dimensions in mm.):
T1: 0.203 (W) x 11.55 (L)
T2: 0.203 (W) x 5.05 (L)
PB-CFB0301 Evaluation Board
(SMA Connectors not shown)
Evaluation Board Parts List
r
e
b
m
u
N
t
r
a
P
r
e
r
u
t
c
a
f
u
n
a
M
y
t
i
t
n
a
u
Q
n
o
i
t
p
i
r
c
s
e
D
r
o
t
a
n
g
i
s
e
D
e
c
n
e
r
e
f
e
R
m
e
t
I
T
J
0
6
2
-
2
1
0
2
H
1
-
B
H
s
t
c
u
d
o
r
P
d
l
r
o
W
1
5
0
8
0
d
a
e
b
e
t
i
r
r
e
f
p
i
h
C
1
2
B
1
K
J
2
0
1
A
5
8
1
H
C
M
m
h
o
R
1
3
0
6
0
,
F
p
0
0
0
1
,
r
o
t
i
c
a
p
a
C
3
2
C
2
3
C21, C24, C26, C28-C37
Capacitor, 39pF, 0603
13
Rohm
MCH185A039JK
K
J
3
0
1
A
5
8
1
H
C
M
m
h
o
R
1
3
0
6
0
,
F
µ
1
0
.
0
,
r
o
t
i
c
a
p
a
C
5
2
C
4
5
L26, L28
Inductor, 82nH, INDA5T-3
2
Toko
LL2012-F8NK
0
6
5
5
7
5
P
W
C
R
e
l
a
D
1
3
0
6
0
,
m
h
O
6
.
5
,
r
o
t
s
i
s
e
R
1
2
R
6
7
R22, R23
Resistor, 18 Ohm, 0603
2
Dale
RCWP575 181
0
2
8
5
7
5
P
W
C
R
e
l
a
D
1
3
0
6
0
,
m
h
O
2
.
8
,
r
o
t
s
i
s
e
R
6
2
R
8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com